Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3232
Description  3.3V, 1000 Kbps RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3232 Datasheet HTML 6Page - Sipex Corporation SP3232 Datasheet HTML 7Page - Sipex Corporation SP3232 Datasheet HTML 8Page - Sipex Corporation SP3232 Datasheet HTML 9Page - Sipex Corporation SP3232 Datasheet HTML 10Page - Sipex Corporation SP3232 Datasheet HTML 11Page - Sipex Corporation SP3232 Datasheet HTML 12Page - Sipex Corporation SP3232 Datasheet HTML 13Page - Sipex Corporation SP3232 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. A Date:12/11/03
SP3222EU/3232EU 3.3V, 1000kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
10
Since receiver input is usually from a trans-
mission line where long cable lengths and
system interference can degrade the signal and
inject noise, the inputs have a typical hyster-
esis margin of 300mV. Should an input be left
unconnected, a 5k
Ω pulldown resistor to
ground will commit the output of the receiver
to a HIGH state.
Charge Pump
The charge pump is a Sipex–patented design
(5,306,954) and uses a unique approach
compared to older less–efficient designs. The
charge pump still requires four external
capacitors, but uses a four–phase voltage
shifting technique to attain symmetrical 5.5V
power supplies. The internal power supply
consists of a regulated dual charge pump that
provides output voltages 5.5V regardless of
the input voltage (V
CC) over the +3.0V to
+5.5V range.
In most circumstances, decoupling the power
supply can be achieved adequately using a
0.1
µF bypass capacitor at C5 (refer to Figures
9 and 10). In applications that are sensitive to
power-supply noise, decouple V
CC to ground
with a capacitor of the same value as charge-
pump capacitor C1. Physically connect
bypass capacitors as close to the IC as
possible.
The charge pumps operate in a discontinuous
mode using an internal oscillator. If the
output voltages are less than a magnitude of
5.5V, the charge pumps are enabled. If the
output voltage exceed a magnitude of 5.5V,
the charge pumps are disabled. This oscillator
controls the four phases of the voltage
shifting. A description of each phase follows.
Phase 1
— V
SS charge storage — During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to VCC. Cl
+ is
then switched to GND and the charge in C
1
– is
transferred to C
2
–. Since C
2
+ is connected to
V
CC, the voltage potential across capacitor C2
is now 2 times V
CC.
Phase 2
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of
C
2 to GND. This transfers a negative gener-
ated voltage to C
3. This generated voltage is
regulated to a minimum voltage of -5.5V.
Simultaneous with the transfer of the voltage
to C
3, the positive side of capacitor C1 is
switched to V
CC and the negative side is
connected to GND.
Phase 3
— V
DD charge storage — The third phase of
the clock is identical to the first phase — the
charge transferred in C
1 produces –VCC in the
negative terminal of C
1, which is applied to
the negative side of capacitor C
2. Since C2
+ is
at V
CC, the voltage potential across C2 is 2
times V
CC.
Phase 4
— V
DD transfer — The fourth phase of the
clock connects the negative terminal of C
2 to
GND, and transfers this positive generated
voltage across C
2 to C4, the VDD storage
capacitor. This voltage is regulated to +5.5V.
At this voltage, the internal oscillator is
disabled. Simultaneous with the transfer of
the voltage to C
4, the positive side of capaci-
tor C
1 is switched to VCC and the negative side
Table 2. SP3222EU Truth Table Logic for Shutdown
and Enable Control
N
D
H
SN
ET
U
O
x
TT
U
O
x
R
00
e
t
a
t
s
-
i
r
Te
v
i
t
c
A
01
e
t
a
t
s
-
i
r
Te
t
a
t
s
-
i
r
T
10
e
v
i
t
c
Ae
v
i
t
c
A
11
e
v
i
t
c
Ae
t
a
t
s
-
i
r
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com