Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3232
Description  3.3V, 1000 Kbps RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3232 Datasheet HTML 9Page - Sipex Corporation SP3232 Datasheet HTML 10Page - Sipex Corporation SP3232 Datasheet HTML 11Page - Sipex Corporation SP3232 Datasheet HTML 12Page - Sipex Corporation SP3232 Datasheet HTML 13Page - Sipex Corporation SP3232 Datasheet HTML 14Page - Sipex Corporation SP3232 Datasheet HTML 15Page - Sipex Corporation SP3232 Datasheet HTML 16Page - Sipex Corporation SP3232 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Rev. A Date:12/11/03
SP3222EU/3232EU 3.3V, 1000Kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
This method was devised to reduce the
unpredictability of the ESD arc. The dis-
charge current rise time is constant since the
energy is directly transferred without the air-
gap arc. In situations such as hand held
systems, the ESD charge can be directly
discharged to the equipment from a person
already holding the equipment. The current is
transferred on to the keypad or the serial port
of the equipment directly and then travels
through the PCB and finally to the IC.
The circuit models in Figures 20 and 21
represent the typical ESD testing circuits used
for all three methods. The CS is initially
charged with the DC power supply when the
first switch (SW1) is on. Now that the
capacitor is charged, the second switch (SW2)
is on while SW1 switches off. The voltage
stored in the capacitor is then applied through
RS, the current limiting resistor, onto the
device under test (DUT). In ESD tests, the
SW2 switch is pulsed so that the device under
test receives a duration of voltage.
Figure 20. ESD Test Circuit for Human Body Model
Figure 21. ESD Test Circuit for IEC1000-4-2
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RS and RV add up to 330Ω for IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
RV
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com