Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3232
Description  3.3V, 1000 Kbps RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232 Datasheet(HTML) 2 Page - Sipex Corporation

  SP3232 Datasheet HTML 1Page - Sipex Corporation SP3232 Datasheet HTML 2Page - Sipex Corporation SP3232 Datasheet HTML 3Page - Sipex Corporation SP3232 Datasheet HTML 4Page - Sipex Corporation SP3232 Datasheet HTML 5Page - Sipex Corporation SP3232 Datasheet HTML 6Page - Sipex Corporation SP3232 Datasheet HTML 7Page - Sipex Corporation SP3232 Datasheet HTML 8Page - Sipex Corporation SP3232 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rev. A Date:12/11/03
SP3222EU/3232EU 3.3V, 1000kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
2
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional
operation of the device at these ratings or any other
above those indicated in the operation sections of
the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended
periods of time may affect reliability and cause
permanent damage to the device.
V
CC ...................................................... -0.3V to +6.0V
V+ (NOTE 1) ...................................... -0.3V to +7.0V
V- (NOTE 1) ....................................... +0.3V to -7.0V
V+ + |V-| (NOTE 1) ........................................... +13V
I
CC (DC VCC or GND current) ......................... ±100mA
Input Voltages
TxIN, EN ............................................ -0.3V to +6.0V
RxIN .................................................................. ±25V
Output Voltages
TxOUT.......................................................±13.2V
RxOUT............. ..................-0.3V to (V
CC + 0.3V)
Short-Circuit Duration
TxOUT.................................................Continuous
Storage Temperature.................-65°C to +150°C
Power Dissipation Per Package
20-pin SSOP (derate 9.25mW/oC above +70oC) ........ 750mW
18-pin PDIP (derate 15.2mW/oC above +70oC) ....... 1220mW
18-pin SOIC (derate 15.7mW/oC above +70oC) ....... 1260mW
20-pin TSSOP (derate 11.1mW/oC above +70oC) ...... 890mW
16-pin SSOP (derate 9.69mW/oC above +70oC) ........ 775mW
16-pin PDIP (derate 14.3mW/oC above +70oC) ....... 1150mW
16-pin Wide SOIC (derate 11.2mW/oC above +70oC) .... 900mW
16-pin TSSOP (derate 10.5mW/oC above +70oC) ...... 850mW
16-pin nSOIC (derate 13.57mW/°C above +70°C) ...... 1086mW
SPECIFICATIONS
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX, C1 to
C
4=0.1µF
PARAMETER
MIN.
TYP.
MAX. UNITS
CONDITIONS
DC CHARACTERISTICS
Supply Current
0.3
1.0
mA
no load, TAMB = +25°C, VCC = 3.3V,
TxIN = GND or VCC
Shutdown Supply Current
1.0
10
µA
SHDN = GND,TAMB = +25°C,
VCC= +3.3V, TxIN = GND or VCC
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold LOW
GND
0.8
V
TxIN, EN, SHDN, Note 2
Input Logic Threshold HIGH
2.0
V
VCC = 3.3V, Note2
2.4
VCC
VCC = 5.0V, Note 2
Input Leakage Current
±0.01
±1.0
µA
TxIN, EN, SHDN, TAMB = +25°C,
VIN= 0V to VCC
Output Leakage Current
±0.05
±10
µA
receivers disabled, VOUT = 0V to VCC
Output Voltage LOW
0.4
V
IOUT = 1.6mA
Output Voltage HIGH
VCC-0.6
VCC-0.1
V
IOUT = -1.0mA
DRIVER OUTPUTS
Output Voltage Swing
±5.0
±5.4
V
3kΩ load to ground at all driver
outputs,TAMB = +25°C
Output Resistance
300
Ω
VCC = V+ = V- = 0V, TOUT = +2V
Output Short-Circuit Current
±35
±60
mA
VOUT = 0V
Output Leakage Current
±25
µAVOUT = +12V,VCC= 0V to 5.5V,drivers
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com