Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3232
Description  3.3V, 1000 Kbps RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3232 Datasheet HTML 7Page - Sipex Corporation SP3232 Datasheet HTML 8Page - Sipex Corporation SP3232 Datasheet HTML 9Page - Sipex Corporation SP3232 Datasheet HTML 10Page - Sipex Corporation SP3232 Datasheet HTML 11Page - Sipex Corporation SP3232 Datasheet HTML 12Page - Sipex Corporation SP3232 Datasheet HTML 13Page - Sipex Corporation SP3232 Datasheet HTML 14Page - Sipex Corporation SP3232 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Rev. A Date:12/11/03
SP3222EU/3232EU 3.3V, 1000Kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
is connected to GND, allowing the charge
pump cycle to begin again. The charge pump
cycle will continue as long as the operational
conditions for the internal oscillator are
present.
Since both V+ and V– are separately generated
from V
CC; in a no–load condition V
+ and V–
will be symmetrical. Older charge pump
approaches that generate V– from V+ will
show a decrease in the magnitude of V–
compared to V+ due to the inherent inefficien-
cies in the design.
The clock rate for the charge pump typically
operates at 250kHz. The external capacitors
can be as low as 0.1
µF with a 16V breakdown
voltage rating.
ESD Tolerance
The SP3222EU/3232EU series incorporates
ruggedized ESD cells on all driver output and
receiver input pins. The ESD structure is
improved over our previous family for more
rugged applications and environments
sensitive to electrostatic discharges and
associated
transients. The improved ESD tolerance is at
least
±15kV without damage nor latch-up.
There are different methods of ESD testing
applied:
a) MIL-STD-883, Method 3015.7
b) IEC1000-4-2 Air-Discharge
c) IEC1000-4-2 Direct Contact
The Human Body Model has been the
generally accepted ESD testing method for
semiconductors. This method is also speci-
fied in MIL-STD-883, Method 3015.7 for
ESD testing. The premise of this ESD test is
to simulate the human body’s potential to
store electrostatic energy and
discharge it to an integrated circuit. The
simulation is performed by using a test model
as shown in Figure 20. This method will test
the IC’s capability to withstand an ESD
transient during normal handling such as in
manufacturing areas where the ICs tend to be
handled
frequently.
The IEC-1000-4-2, formerly IEC801-2, is
generally used for testing ESD on equipment
and systems. For system manufacturers, they
must guarantee a certain amount of ESD
protection since the system itself is exposed to
the outside environment and human presence.
The premise with IEC1000-4-2 is that the
system is required to withstand an amount of
static electricity when ESD is applied to
points and surfaces of the equipment that are
accessible to personnel during normal usage.
The transceiver IC receives most of the ESD
current when the ESD source is applied to the
connector pins. The test circuit for IEC1000-4-2
is shown on Figure 21. There are two
methods within IEC1000-4-2, the Air Dis-
charge method and the Contact Discharge
method.
With the Air Discharge Method, an ESD
voltage is applied to the equipment under
test (EUT) through air. This simulates an
electrically charged person ready to connect a
cable onto the rear of the system only to find
an unpleasant zap just before the person
touches the back panel. The high energy
potential on the person discharges through
an arcing path to the rear panel of the system
before he or she even touches the system.
This energy, whether discharged directly or
through air, is predominantly a function of the
discharge current rather than the discharge
voltage.
Variables with an air discharge such as
approach speed of the object carrying the ESD
potential to the system and humidity will tend
to change the discharge current. For example,
the rise time of the discharge current varies
with the approach speed.
The Contact Discharge Method applies the
ESD current directly to the DUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com