Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP3232
Description  3.3V, 1000 Kbps RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP3232 Datasheet HTML 3Page - Sipex Corporation SP3232 Datasheet HTML 4Page - Sipex Corporation SP3232 Datasheet HTML 5Page - Sipex Corporation SP3232 Datasheet HTML 6Page - Sipex Corporation SP3232 Datasheet HTML 7Page - Sipex Corporation SP3232 Datasheet HTML 8Page - Sipex Corporation SP3232 Datasheet HTML 9Page - Sipex Corporation SP3232 Datasheet HTML 10Page - Sipex Corporation SP3232 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Rev. A Date:12/11/03
SP3222EU/3232EU 3.3V, 1000Kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
Figure 9. SP3222EU Typical Operating Circuits
Figure 10. SP3232EU Typical Operating Circuit
SP3222EU
2
4
6
5
3
7
19
GND
T1IN
T2IN
T1OUT
T2OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
13
12
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
8
17
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
18
1
5kΩ
R1IN
R1OUT
15
9
5kΩ
R2IN
R2OUT
10
16
LOGIC
OUTPUTS
EN
20
SHDN
*can be returned to
either VCC or GND
SSOP
TSSOP
SP3222EU
2
4
6
5
3
7
17
GND
T1IN
T2IN
T1OUT
T2OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
12
11
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
8
15
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
16
1
5kΩ
R1IN
R1OUT
13
9
5kΩ
R2IN
R2OUT
10
14
LOGIC
OUTPUTS
EN
18
SHDN
*can be returned to
either VCC or GND
DIP/SO
SP3232EU
1
3
5
4
2
6
16
GND
T1IN
T2IN
T1OUT
T2OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
11
10
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
14
7
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
15
5kΩ
R1IN
R1OUT
12
13
5kΩ
R2IN
R2OUT
9
8
LOGIC
OUTPUTS
*can be returned to
either VCC or GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com