Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503 Datasheet(HTML) 1 Page - Sipex Corporation

  SP503 Datasheet HTML 1Page - Sipex Corporation SP503 Datasheet HTML 2Page - Sipex Corporation SP503 Datasheet HTML 3Page - Sipex Corporation SP503 Datasheet HTML 4Page - Sipex Corporation SP503 Datasheet HTML 5Page - Sipex Corporation SP503 Datasheet HTML 6Page - Sipex Corporation SP503 Datasheet HTML 7Page - Sipex Corporation SP503 Datasheet HTML 8Page - Sipex Corporation SP503 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
■ Single Chip Programmable Serial
Transceiver
■ Seven (7) Drivers and Seven (7)
Receivers
■ Software-Selectable Industry Standard
Protocols:
— RS-232 (V.28)
— EIA-530
— RS-449
— RS-422A (V.11, X.27)
— RS-485
— V.35
■ Independant Driver and Receiver Mode
Selection
■ +5V Single Power Supply Operation
■ Surface Mount Packaging
SP503
Charge
Pump
Receiver
Decode
Driver
Decode
Receivers
Drivers
DESCRIPTION
The SP503 is a highly integrated serial transceiver that allows software control of its interface
modes. It offers hardware interface modes for RS-232 (V.28), RS-422A (V.11), RS-449, RS-485,
V.35, and EIA-530. The SP503 is fabricated using low–power BiCMOS process technology, and
incorporates a Sipex patented (5,306,954) charge pump allowing +5V only operation.
SP503
Multiprotocol Transceiver
®
Now Available in Lead Free Packaging
RxD 1
RDEC0 2
RDEC1 3
RDEC2 4
RDEC3 5
TTEN 6
SCTEN 7
VCC 8
TDEC3 9
TDEC2 10
TDEC1 11
TDEC0 12
DTR 13
TxD 14
TxC 15
RTS 16
RL 17
NC 18
DCD 19
RxC 20
60 GND
59 SD(b)
58 TR(a)
57 GND
56 TR(b)
55 VCC
54 RS(a)
53 GND
52 RS(b)
51 LL(a)
50 GND
49 LL(b)
48 VCC
47 RL(a)
46 GND
45 RL(b)
44 ST(b)
43 GND
42 ST(a)
41 VCC
SP503


Similar Part No. - SP503

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP503 EXAR-SP503 Datasheet
947Kb / 28P
Multiprotocol Transceiver
logo
Sipex Corporation
SP503AN SIPEX-SP503AN Datasheet
211Kb / 13P
Application Note
SP503CF SIPEX-SP503CF Datasheet
211Kb / 13P
Application Note
logo
Exar Corporation
SP503CM-L EXAR-SP503CM-L Datasheet
947Kb / 28P
Multiprotocol Transceiver
logo
Sipex Corporation
SP503EB SIPEX-SP503EB Datasheet
211Kb / 13P
Application Note
More results

Similar Description - SP503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
Software-Selectable Multiprotocol Transceiver
logo
Exar Corporation
SP503 EXAR-SP503 Datasheet
947Kb / 28P
Multiprotocol Transceiver
logo
Linear Technology
LTC1545 LINER-LTC1545_15 Datasheet
268Kb / 16P
Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343_15 Datasheet
398Kb / 28P
Software-Selectable Multiprotocol Transceiver
logo
Exar Corporation
SP510E EXAR-SP510E Datasheet
835Kb / 43P
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com