Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503 Datasheet(HTML) 2 Page - Sipex Corporation

  SP503 Datasheet HTML 1Page - Sipex Corporation SP503 Datasheet HTML 2Page - Sipex Corporation SP503 Datasheet HTML 3Page - Sipex Corporation SP503 Datasheet HTML 4Page - Sipex Corporation SP503 Datasheet HTML 5Page - Sipex Corporation SP503 Datasheet HTML 6Page - Sipex Corporation SP503 Datasheet HTML 7Page - Sipex Corporation SP503 Datasheet HTML 8Page - Sipex Corporation SP503 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
2
ELECTRICAL CHARACTERISTICS
T
MIN to TMAX @ Vcc = +5V ±5% unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
LOGIC INPUTS
V
IL
0.8
Volts
V
IH
2.0
Volts
LOGIC OUTPUTS
V
OL
0.4
Volts
I
OUT= -3.2mA
V
OH
2.4
Volts
I
OUT= 1.0mA
RS-485 DRIVER
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Outputs
HIGH Level Output
+6.0
Volts
LOW level Output
–0.3
Volts
Differential Output
±1.5
±5.0
Volts
R
L=54Ω, CL=50pF
Balance
±0.2
Volts
|V
T| - |VT|
Open Circuit Voltage
±6.0
Volts
Output Current
28.0
mA
R
L=54Ω
Short Circuit Current
±250
mA
Terminated in –7V to +12V
Transition Time
120
ns
Rise/fall time, 10%–90%
Maximum Transmission Rate
5
Mbps
R
L=54Ω
Propagation Delay
t
PHL
200
ns
R
L=54Ω
t
PLH
200
ns
R
L=54Ω
RS-485 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
HIGH Threshold
+0.2
+12.0
Volts
(a)-(b)
LOW Threshold
–7.0
–0.2
Volts
(a)-(b)
Common Mode Range
–7.0
+12.0
Volts
HIGH Input Current
Refer to graph
LOW Input Current
Refer to graph
Receiver Sensitivity
±0.2
Volts
Over –7V to +12V common
mode range
Input Impedance
12
kΩ
Maximum Transmission Rate
5
Mbps
Propagation Delay
t
PHL
200
ns
t
PLH
200
ns
V.35 DRIVER
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Outputs
Differential Output
±0.44
±0.66
Volts
With termination network in
Figure 6; R
L=100Ω
Output Impedance
50
150
Ω
With termination network in
Figure 6.
Short Circuit Impedance
135
150
165
Ω
With termination network
in Figure 6.
Transition Time
40
ns
Maximum Transmission Rate
5
Mbps
R
L=100Ω
Propagation Delay
t
PHL
200
ns
R
L=100Ω
t
PLH
200
ns
R
L=100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com