Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP503 Datasheet HTML 9Page - Sipex Corporation SP503 Datasheet HTML 10Page - Sipex Corporation SP503 Datasheet HTML 11Page - Sipex Corporation SP503 Datasheet HTML 12Page - Sipex Corporation SP503 Datasheet HTML 13Page - Sipex Corporation SP503 Datasheet HTML 14Page - Sipex Corporation SP503 Datasheet HTML 15Page - Sipex Corporation SP503 Datasheet HTML 16Page - Sipex Corporation SP503 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
can operate up to 5Mbps. All of the differential
receivers can receive data up to 5Mbps.
Decoder
The SP503 has the ability to change the inter-
face mode of the drivers or receivers via an 8–bit
switch. The decoder for the drivers and receiv-
ers is not latched; it is merely a combinational
logic switch. The codes shown in Tables 1 and
2 are the only specified, valid modes for the
SP503. Undefined codes may represent other
interface modes not specified or random outputs
(consult the factory for more information). The
drivers are controlled with the data bits labeled
TDEC
3–TDEC0. The drivers can be put into tri-
state mode by writing 0000 to the driver decode
switch. The receivers are controlled with data
bits RDEC
3–RDEC0; the code 0000 written to
the receivers will place the outputs in an unde-
termined state. All receivers, with the exception
of SCT, do not have tri-state capability; the
outputs will either be HIGH or LOWdepending
upon the state of the receiver input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com