Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP503 Datasheet HTML 3Page - Sipex Corporation SP503 Datasheet HTML 4Page - Sipex Corporation SP503 Datasheet HTML 5Page - Sipex Corporation SP503 Datasheet HTML 6Page - Sipex Corporation SP503 Datasheet HTML 7Page - Sipex Corporation SP503 Datasheet HTML 8Page - Sipex Corporation SP503 Datasheet HTML 9Page - Sipex Corporation SP503 Datasheet HTML 10Page - Sipex Corporation SP503 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
Pin 71 — RD(b) — Receive Data; analog input;
non-inverted; source for RxD.
Pin 76 — SCT(a) — Serial Clock Transmit;
analog input, inverted; source for SCT.
Pin 77 — SCT(b) — Serial Clock Transmit:
analog input, non–inverted; source for SCT
Pin 79 — SCT — Serial Clock Transmit; TTL
output; sources from SCT(a) and SCT(b) inputs.
CONTROL LINE GROUP
Pin 13 — DTR — Data Terminal Ready; TTL
input; source for TR(a) and TR(b) outputs.
Pin 16 — RTS — Ready To Send; TTL input;
source for RS(a) and RS(b) outputs.
Pin 17 — RL — Remote Loopback; TTL input;
source for RL(a) and RL(b) outputs.
Pin 19 — DCD— Data Carrier Detect; TTL
output; sourced from RR(a) and RR(b) inputs.
Pin 21 — RI — Ring In; TTL output; sourced
from IC(a) and IC(b) inputs.
Pin 24 — LL — Local Loopback; TTL input;
source for LL(a) and LL(b) outputs.
Pin 35 — RR(a)— Receiver Ready; analog
input, inverted; source for DCD.
Pin 36 — RR(b)— Receiver Ready; analog
input, non-inverted; source for DCD.
Pin 39 — IC(a)— Incoming Call; analog input,
inverted; source for RI.
Pin 40 — IC(b)— Incoming Call; analog input,
non-inverted; source for RI.
Pin 45 — RL(b) — Remote Loopback; analog
output, non-inverted; sourced from RL.
Pin 47 — RL(a) — Remote Loopback; analog
output inverted; sourced from RL.
Pin 49— LL(b) — Local Loopback; analog
output, non-inverted; sourced from LL.
Pin 51 — LL(a) — Local Loopback; analog
output, inverted; sourced from LL.
Pin 52 — RS(b) — Ready To Send; analog
output, non-inverted; sourced from RTS.
Pin 54 — RS(a) — Ready To Send; analog
output, inverted; sourced from RTS.
Pin 56 — TR(b) — Terminal Ready; analog
output, non-inverted; sourced from DTR.
Pin 58 — TR(a) — Terminal Ready; analog
output, inverted; sourced from DTR.
Pin 66 — CS(a)— Clear To Send; analog input,
inverted; source for CTS.
Pin 67 — CS(b)— Clear To Send; analog input,
non-inverted; source for CTS.
Pin 68 — DM(a)— Data Mode; analog input,
inverted; source for DSR.
Pin 69 — DM(b)— Data Mode; analog input,
non-inverted; source for DSR
Pin 78 — DSR— Data Set Ready; TTL output;
sourced from DM(a), DM(b) inputs.
Pin 80 — CTS— Clear To Send; TTL output;
sourced from CS(a) and CS(b) inputs.
CONTROL REGISTERS
Pins 2–5 — RDEC
0 – RDEC3
— Receiver
decode register; configures receiver modes; TTL
inputs.
Pin 6 — TTEN — Enables TT driver, active
low; TTL input.
Pin 7 — SCTEN — Enables SCT receiver;
active high; TTL input.
Pins 12–9 — TDEC
0 – TDEC3 — Transmitter
decode register; configures transmitter modes;
TTL inputs.
Pin 23 — STEN — Enables ST driver; active
low; TTL input.
POWER SUPPLIES
Pins 8, 25, 33, 41, 48, 55, 62, 73, 74 — V
CC
+5V input.
Pins 29, 34, 43, 46, 50, 53, 57, 60, 64, 72, 75 —
GND — Ground.
Pin 27 — V
DD +10V Charge Pump Capacitor —
Connects from V
DD to VCC. Suggested capaci-
tor size is 22
µF, 16V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com