Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503 Datasheet(HTML) 5 Page - Sipex Corporation

  SP503 Datasheet HTML 1Page - Sipex Corporation SP503 Datasheet HTML 2Page - Sipex Corporation SP503 Datasheet HTML 3Page - Sipex Corporation SP503 Datasheet HTML 4Page - Sipex Corporation SP503 Datasheet HTML 5Page - Sipex Corporation SP503 Datasheet HTML 6Page - Sipex Corporation SP503 Datasheet HTML 7Page - Sipex Corporation SP503 Datasheet HTML 8Page - Sipex Corporation SP503 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
V.35
47.0mA
48.8mA
47.3mA
54.5mA
104.2mA
100.9mA
100.9mA
RS-232
35.4mA
37.8mA
35.2mA
43.6mA
54.1mA
57.1mA
55.9mA
RS-422
25.8mA
31.4mA
25.8mA
27.5mA
140.2mA
135.9mA
145.2mA
RS-485
33.4mA
37.91mA
33.51mA
34.81mA
200.3mA
194.8mA
203.3mA
RS-449
37.8mA
40.3mA
41.1mA
42.9mA
142.3mA
138.8mA
147.4mA
EIA-530
45.2mA
48.1mA
44.4mA
50.3mA
148.9mA
145.7mA
147.3mA
+1.0mA
–0.6mA
+12V
+6V
–3V
–7V
1 Unit Load
Maximum Input Current
versus Voltage
RS-485 RECEIVER
+3.25mA
–3.25mA
+10V
+3V
–3V
–10V
Maximum Input Current
versus Voltage
RS-422 RECEIVER
+3.25mA
–3.25mA
+10V
+3V
–3V
–10V
Maximum Input Current
versus Voltage
RS-423 RECEIVER
RECEIVER INPUT GRAPHS
POWER MATRIX
Mode
Open Input Input to 5V Input to GND AC Signal Input to 5V Input to GND AC Signal
Conditions
to Input
with Load
with Load
with Load
With external termination resistor network;
Input @ 60kHz, Load is 3kΩ & 2500pF for
RS-232 and 100Ω for V.35
Input @ 60kHz
Load is 100Ω for RS-422
450Ω for RS-423
Input @ 60kHz
Load is 100Ω for RS-422
450Ω for RS-423
Input @ 2.5MHz
Load is 54Ω.
Input @ 2.5MHz
Load is 100Ω.
Input @ 60kHz
Load is 3kΩ & 2500pF for RS-232.
Typical @ 25°C and V
cc = +5V unless otherwise noted. Input is applied to one driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com