Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503EB Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP503EB
Description  Application Note
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503EB Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP503EB Datasheet HTML 4Page - Sipex Corporation SP503EB Datasheet HTML 5Page - Sipex Corporation SP503EB Datasheet HTML 6Page - Sipex Corporation SP503EB Datasheet HTML 7Page - Sipex Corporation SP503EB Datasheet HTML 8Page - Sipex Corporation SP503EB Datasheet HTML 9Page - Sipex Corporation SP503EB Datasheet HTML 10Page - Sipex Corporation SP503EB Datasheet HTML 11Page - Sipex Corporation SP503EB Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SP503AN
SP503 Application Note
© Copyright 2000 Sipex Corporation
8
Typical Applications Questions
on the SP503
Can the SP503 be used with external power
supplies? If so, is there a power-up sequence?
The internal charge pump can be bypassed
through external supplies to V
DD and VSS.
The
external voltage should be +10V for V
DD and
-10V for V
SS.
The tolerance is
±5%. The
absolute minimum limit for the external supplies
is
±7Vandtheabsolutemaximumlimitis±10.5V.
The SP503 does require a power-up sequence of
+10V, +5V, -10V for proper operation. Addi-
tional external circuitry will be required for the
correct sequencing. Consult factory for details.
What is the maximum input voltage applied to
the receiver input without damaging the SP503?
The receiver inputs can tolerate up to
±16V in
any protocol without latching up the device.
Since RS-232 ranges from
±5V to ±15V; the
SP503 is well within the accepted range. It may
be worthwhile to include 15V clamping diodes
or transient voltage suppressors so that the re-
ceiver input will be held below
±15V.
What is the maximum short-circuit voltage that
can be applied to a SP503 driver output?
The driver outputs can be shorted up to
±16.0V
without causing damage to the driver. Between
the
±16V range, the SP503 adheres to the RS-
232 short circuit current limit of 100mA and to
the RS-422/RS-423 limit at 150mA. Again,
transient voltage suppressors or clamping diodes
will protect the SP503 if exceeding the
±16V
range is possible.
What is the state of the SP503 drivers and
receivers when the device is addressed with
0000?
The SP503 drivers are in a high impedance(over
1M
Ω) tri-state condition when "0000" is ad-
dressed. The receivers are not tri-stated and the
outputs are undefined. This means that they
could be floating to either a high or low level
depending on the previous state of the receiver
input prior to the 0000 addressing change. The
receiver input impedance is at 15k
Ω for "0000".
Can the SP503 be programmed for 7 drivers and
7 receivers in RS-423 mode?
The SP503 can be switched to RS-423 mode by
programming TDEC
3, TDEC2, TDEC1, TDEC0
to "1000" for the drivers and RDEC
X to "1000"
for the receivers. However, external supplies
must be used in order to drive RS-423. The
internal charge pump can only support up to
three RS-423 drivers and three RS-423
receivers.
What is the power dissipation in the SP503 and
in which mode does it consume the most power?
The SP503 dissipates approximately 400mW to
1.4W depending on the protocol. RS-485 mode
consumes the most power at 1.4W. For worst
case power dissipation, all seven drivers were
driven with a TTL signal and the outputs were
looped back into the receiver inputs to generate
a TTL output. All drivers and receivers were
active.
MODE
P
D
RS-232
0.418W
RS-422
0.970W
RS-485
1.382W
RS-449
0.959W
EIA-530
0.959W
V.35
1.055W
What is the state of the SP503 drivers and
receivers when the device is addressed with
1111?
The address for "1111" is not used in the SP503.
If the SP503 is programmed for "1111", the
drivers are approximately 1.0V and at a high
impedance (approx. 9M
Ω). The receivers are
not tri-stated and the outputs are undefined. All
receiver inputs are at 15k
Ω input impedance.
The SP503 can receive a "1111" address while
V
CC is off. The supply current is approximately
50mA (V
CC = +5V) while the address is at
"1111".
In the RS-232 signal assignments for the DB-25
connector, where does the SP503 account for
Test Mode (TM) ?
For most RS-232 applications, the signals com-
monly used are TxD, TxC, RxD, RxC, RTS,
CTS, DSR, SG, DCD, DTR and Frame Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com