Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503EB Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP503EB
Description  Application Note
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503EB Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP503EB Datasheet HTML 3Page - Sipex Corporation SP503EB Datasheet HTML 4Page - Sipex Corporation SP503EB Datasheet HTML 5Page - Sipex Corporation SP503EB Datasheet HTML 6Page - Sipex Corporation SP503EB Datasheet HTML 7Page - Sipex Corporation SP503EB Datasheet HTML 8Page - Sipex Corporation SP503EB Datasheet HTML 9Page - Sipex Corporation SP503EB Datasheet HTML 10Page - Sipex Corporation SP503EB Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SP503AN
SP503 Application Note
© Copyright 2000 Sipex Corporation
7
SP503 Switching Configuration for V.35 Implementations
• Switches are Siliconix DG643DY analog switches.
• Solid-State Relays are AT&T, LH1514.
• Resistors are 1/8W, 1% tolerance.
• External Supplies necessary are: Vcc = +5V, V+ = +12V (for V+ on the DG643DY) and Vn = -5V.
Receivers
TxD
Drivers
DTR
RTS
14
13
16
15
TxC
SP503CF
RxD
RxC
CTS
DSR
DCD
1
20
80
78
19
RI
21
SCT
79
17
RL
24
LL
ST
22
V+
V-
+5V
Driver Outputs & Receiver Inputs
are in DTE mode.
to pin 12 of the 74LS11
to pin 12 of the 74LS11
to pin 12 of the 74LS11
74LS11
74LS11
74LS11 (3-Input AND Gate)
RxC (115)
A
B
RxD (104)
A
B
A
B
A
B
TxD (103)
A
B
TT (113)
TxCC (114)
A
B
to pin 6 of the 74LS11
74LS11
LH1514
74LS11
1
3
LH1514
7
5
1
LH1514
7
5
+12V
50
Ω
50
Ω
120
Ω
3
1
8
6
50
Ω
50
Ω
120
Ω
8
6
3
50
Ω
50
Ω
120
Ω
8
2
15
9
12
5
3
7
10 14
4
6
13
11
8
2
15
9
12
5
7
3
10
14
4
6
11
13
1
16
1
16
V+
V-
V+
200
Ω
200
Ω
232
Ω
232
Ω
-5V
107
Ω
V-
to V-
+12V
8
2
15
9
12
5
3
7
10 14
4
6
13
11
8
2
15
9
12
5
7
3
10
14
4
6
11
13
1
16
1
16
V+
V-
V+
+12V
200
Ω
200
Ω
232
Ω
232
Ω
-5V
107
Ω
V-
8
2
15
9
12
5
3
7
10 14
4
6
13
11
8
2
15
9
12
5
7
3
10
14
4
6
11
13
1
16
1
16
V+
V-
V+
+12V
+12V
200
Ω
200
Ω
232
Ω
232
Ω
-5V
107
Ω
+5V
16
1
13
212
1/4
74LS11
8
+5V
16
3
5
4
6
8
RDEC1 & TDEC1
RDEC2 & TDEC2
RDEC3 & TDEC3
(pins 3 & 11)
(pins 4 & 10)
(pins 5 & 9)
to pin 6 of the 74LS11
74LS11
8
6
7
5
1/4
74LS11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com