Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503EB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP503EB
Description  Application Note
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503EB Datasheet(HTML) 3 Page - Sipex Corporation

  SP503EB Datasheet HTML 1Page - Sipex Corporation SP503EB Datasheet HTML 2Page - Sipex Corporation SP503EB Datasheet HTML 3Page - Sipex Corporation SP503EB Datasheet HTML 4Page - Sipex Corporation SP503EB Datasheet HTML 5Page - Sipex Corporation SP503EB Datasheet HTML 6Page - Sipex Corporation SP503EB Datasheet HTML 7Page - Sipex Corporation SP503EB Datasheet HTML 8Page - Sipex Corporation SP503EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SP503AN
SP503 Application Note
© Copyright 2000 Sipex Corporation
3
DTE-DCE flexibility with the SP503 on a DB-25 serial port
DB-25
Connector
TxD
TxC
DTR
RTS
RxD
RxC
CTS
DCD
TxD
TxC
DTR
RTS
RxD
RxC
CTS
DCD
RDEC0
RDEC1
RDEC2
RDEC3
TDEC0
TDEC1
TDEC2
TDEC3
2 3
4
5 12 11 10 9
2345 12 11 10 9
14
15
13
16
1
20
80
19
DSR
RI
SCT
LL
RL
ST
78
21
79
24
17
22
1Y
2Y
3Y
4Y
1A
1B
2A
2B
3A
3B
4A
4B
SEL
"0" = DTE
"1" = DCE
SCC
61
SD(A)
SD(B)
TT(A)
TT(B)
TR(A)
TR(B)
RS(A)
RS(B)
RT(A)
RT(B)
RD(A)
RD(B)
CS(A)
CS(B)
RR(A)
RR(B)
DM(A)
DM(B)
SCT(A)
SCT(B)
IC(A)
IC(B)
LL(A)
LL(B)
ST(A)
ST(B)
SP503
DTE
Config.
SP503
DCE
Config.
59
63
65
58
56
54
52
70
71
37
38
66
67
35
36
68
69
76
77
39
40
51
49
42
44
61
59
63
65
58
56
54
52
70
71
37
38
66
67
35
36
68
69
76
77
39
40
51
49
42
44
47
RL(A)
47
3
16
17
9
6
22
5
13
2
14
24
11
4
19
18
20
23
21
8
15
12
22
10
TxD
TxC
DTR
RTS
RxD
RxC
CTS
DCD
14
15
13
16
1
20
80
19
DSR
RI
SCT
LL
RL
ST
78
21
79
24
17
22
SD(A)
SD(B)
TT(A)
TT(B)
TR(A)
TR(B)
RS(A)
RS(B)
RT(A)
RT(B)
RD(A)
RD(B)
CS(A)
CS(B)
RR(A)
RR(B)
DM(A)
DM(B)
SCT(A)
SCT(B)
IC(A)
IC(B)
LL(A)
ST(A)
ST(B)
RL(A)
LL(B)
7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com