Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP503EB
Description  Application Note
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP503EB Datasheet HTML 1Page - Sipex Corporation SP503EB Datasheet HTML 2Page - Sipex Corporation SP503EB Datasheet HTML 3Page - Sipex Corporation SP503EB Datasheet HTML 4Page - Sipex Corporation SP503EB Datasheet HTML 5Page - Sipex Corporation SP503EB Datasheet HTML 6Page - Sipex Corporation SP503EB Datasheet HTML 7Page - Sipex Corporation SP503EB Datasheet HTML 8Page - Sipex Corporation SP503EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SP503AN
SP503 Application Note
© Copyright 2000 Sipex Corporation
2
DTE and DCE configurations
with the SP503
The SP503 has designated signals such as "Trans-
mit Data", "Clear-to-Send", etc.which design-
ers can easily allocate the appropriate SP503
transceivers for the corresponding signals. The
data signals specified in the EIA standards and
CCITT are referenced in the SP503 datasheet as
DTE. Some customers have wondered if they
can use the SP503 for DCE applications.
Although it can be confusing at first glance, the
DCE implementation is the mirror image of the
DTE side. For the DTE, TxD is a driver which
drives the data to RxD, a receiver, on the DCE
side. TxC or TT is a driver on the DTE side
which drives the clock signal to the RxC re-
ceiver on the DCE side.
The next three pages illustrate the CCITT signal
allocations from the SP503 in either DTE or
DCE to the DB-25 connector. As shown, it is
possible to use a DB-25 connector for the vari-
ous protocols offered by the SP503.
DB-25 Connector Pin Assignments for Various Protocols
DB-25 Pin #
RS-232
EIA-530
RS-449
RS-422
V.35
V.36
1
shield
shield
shield
shield
CCITT# 101 CCITT# 101
2
TxD
TxD(A)
SD(A)
T(A)
103(A)
103(A)
3
RxD
RxD(A)
RD(A)
R(A)
104(A)
104(A)
4
RTS
RTS(A)
RS(A)
C(A)
105
105(A)
5
CTS
CTS(A)
CS(A)
–
106
106(A)
6
DSR
DSR(A)
DM(A)
–
107
107(A)
7
Signal GND
Signal GND
Signal GND
Signal GND
102
102
8
DCD
RLSD(A)
RR(A)
I(A)
109
109(A)
9
–
RxC(B)
RT(B)
–
115(B)
115(B)
10
–
RLSD(B)
RR(B)
I(B)`
–
109(B)
11
–
TxC(B-DTE)
TT(B)
–
113(B)
113(B)
12
DCD (2nd)
TxCC(B-DCE)
ST(B)
S(B)
114(B)
114(B)
13
CTS (2nd)
CTS(B)
CS(B)
–
–
106(B)
14
TxD (2nd)
TxD(B)
SD(B)
T(B)
103(B)
103(B)
15
TxCC (DCE) TxCC(A-DCE)
ST(A)
S(A)
114(B)
114(B)
16
RxD (2nd)
RxD(B)
RD(B)
R(B)
104(B)
104(B)
17
RxC
RxC(A)
RT(A)
–
115(A)
115(A)
18
LL
LL
LL
–
–
141
19
RTS (2nd)
RTS(B)
RS(B)
C(B)
–
105(B)
20
DTR
DTR(A)
TR(A)
–
–
–
21
RL
RL
RL
–
–
140
22
RI
DSR(B)
DM(B)
–
–
107(B)
23
SRS
DTR(B)
TR(B)
–
–
–
24
TxC (DTE)
TxC(A-DTE)
TT(A)
–
113(A)
113(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com