Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503EB Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP503EB
Description  Application Note
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503EB Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP503EB Datasheet HTML 5Page - Sipex Corporation SP503EB Datasheet HTML 6Page - Sipex Corporation SP503EB Datasheet HTML 7Page - Sipex Corporation SP503EB Datasheet HTML 8Page - Sipex Corporation SP503EB Datasheet HTML 9Page - Sipex Corporation SP503EB Datasheet HTML 10Page - Sipex Corporation SP503EB Datasheet HTML 11Page - Sipex Corporation SP503EB Datasheet HTML 12Page - Sipex Corporation SP503EB Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SP503AN
SP503 Application Note
© Copyright 2000 Sipex Corporation
12
Using Transient Voltage Suppressors with the SP503
22
µF
25
27 26 30
32
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22
µF
SP503CF
Drivers
TxD
14
DTR
13
RTS
16
TxC
15
ST
22
RL
17
LL
24
RxD
1
RxC
20
CTS
80
DSR
78
DCD
19
RI
21
SCT
79
Receivers
* - Please note that the ProTek transient
voltage suppressors should also be con-
nected to the other SP503 drivers and re-
ceivers in the same configuration as shown
above.
28 31
22
µF
+5V
15
14
13 12
11 10
23
4
5
6
7
ProTek Devices
SM16LC15C
15
14
13 12
11 10
23
4
5
6
7
ProTek Devices
SM16LC15C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com