Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP504EB
Description  Evaluation Board Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP504EB Datasheet HTML 1Page - Sipex Corporation SP504EB Datasheet HTML 2Page - Sipex Corporation SP504EB Datasheet HTML 3Page - Sipex Corporation SP504EB Datasheet HTML 4Page - Sipex Corporation SP504EB Datasheet HTML 5Page - Sipex Corporation SP504EB Datasheet HTML 6Page - Sipex Corporation SP504EB Datasheet HTML 7Page - Sipex Corporation SP504EB Datasheet HTML 8Page - Sipex Corporation SP504EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
504/505AppNote/03
New SP504/505 Evaluation Board
© Copyright 2000 Sipex Corporation
1
The SP50x Evaluation Board is designed to analyze the SP504 or SP505 multi-protocol
transceivers. The evaluation board provides access points to all of the driver and receiver
I/O pins so that the user can measure electrical characteristics and waveforms of each signal.
The SP50x Evaluation Board also includes a DB-25 serial port connector which is configured
to a EIA-530 pinout. This allows easy connections to other DTE or DCE systems as well as
network analyzers.
The next section describes the SP50x Evaluation Board including configuration instructions
for either the SP504 or SP505. A schematic of the board and the PCB layout are also included.
Product pinouts, product protocol tables, and DB-25 pinout assignment table are also
included for convenience.
DESCRIPTION...
s Easy Evaluation for the SP504 or
SP505 Multi-Protocol Transceiver
s Probe Points Accessable to Driver
and Receiver I/O Pins
s DB-25 Serial Port Connector Adheres
to EIA-530 Pinout
s Interface Mode Select Through
On-Board DIP Switches
s Driver Inputs Can Be Easily Configured
to a TTL DC or AC Input
s Convenient Layout of Driver and
Receiver Access Pins
s Compact 6" X 4" Size
SP504/505
Evaluation Board
Manual
®


Similar Part No. - SP504EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
257Kb / 31P
WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP504 EXAR-SP504 Datasheet
1Mb / 32P
WAN Multi-Mode Serial Transceiver
logo
Sipex Corporation
SP504AN SIPEX-SP504AN Datasheet
176Kb / 11P
Application Note
SP504CF SIPEX-SP504CF Datasheet
176Kb / 11P
Application Note
More results

Similar Description - SP504EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com