Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504EB Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP504EB
Description  Evaluation Board Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504EB Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP504EB Datasheet HTML 3Page - Sipex Corporation SP504EB Datasheet HTML 4Page - Sipex Corporation SP504EB Datasheet HTML 5Page - Sipex Corporation SP504EB Datasheet HTML 6Page - Sipex Corporation SP504EB Datasheet HTML 7Page - Sipex Corporation SP504EB Datasheet HTML 8Page - Sipex Corporation SP504EB Datasheet HTML 9Page - Sipex Corporation SP504EB Datasheet HTML 10Page - Sipex Corporation SP504EB Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
504/505AppNote/03
New SP504/505 Evaluation Board
© Copyright 2000 Sipex Corporation
7
Pins 25, 33, 41 48, 55, 62, 73, 74 connect to Vcc +5 volts.
Pins 29, 34, 43, 46, 50, 53, 57, 60, 64, 72, 75 connect to ground.
Pin 27 is Vdd +10 volts. Connect 22uF 16 volt capacitor between pin 27 and Vcc.
Pin 32 is Vss -10 volts. Connect 22uF 16 volt capacitor between pin 32 and ground.
Pins 26 & 30 are C1+ & C1-. Connect 22uF 16 volt capacitor between pin26 & pin 30.
Pins 28 & 31 are C2+ & C2-. Connect 22uF 16 volt capacitor between pin28 & pin 31.
Note: NC pins should be left floating as internal signals may be present.
Ensure all Vcc and ground connections are made before operating device.
SP504 Pin Assignments (cont)
Power Supplies
Pin #
Pin Name
Pin Function
Pin Description
Control Registers
2
RDEC0
TTL Input
Receiver mode select line.
3
RDEC1
TTL Input
Receiver mode select line.
4
RDEC2
TTL Input
Receiver mode select line.
5
RDEC3
TTL Input
Receiver mode select line.
6
TTEN
TTL Input
Enable control TT driver (active low).
7
SCTEN
TTL Input
Enable control SCT receiver (active high).
9
TDEC3
TTL Input
Driver mode select line.
10
TDEC2
TTL Input
Driver mode select line.
11
TDEC1
TTL Input
Driver mode select line.
12
TDEC0
TTL Input
Driver mode select line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com