Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504EB Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP504EB
Description  Evaluation Board Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504EB Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP504EB Datasheet HTML 10Page - Sipex Corporation SP504EB Datasheet HTML 11Page - Sipex Corporation SP504EB Datasheet HTML 12Page - Sipex Corporation SP504EB Datasheet HTML 13Page - Sipex Corporation SP504EB Datasheet HTML 14Page - Sipex Corporation SP504EB Datasheet HTML 15Page - Sipex Corporation SP504EB Datasheet HTML 16Page - Sipex Corporation SP504EB Datasheet HTML 17Page - Sipex Corporation SP504EB Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
504/505 AppNote/03
New SP504/505 Evaluation Board
© Copyright 2000 Sipex Corporation
14
RS-232 & EIA-530 Connector (ISO 2110)
DTE Connector ó DB-25 Pin Male
DCE Connector ó DB-25 Pin Female
1
13
14
25
7
20
EIA-232
EIA-530
EIA-449
Signal Name
Source Mnemonic Pin Mnemonic Pin Mnemonic Pin
Shield
—
—
1
—
1
—
1
Transmitted
Data
DTE
BA
2
BA (A)
2
SD (A)
4
BA (B)
14
SD (B)
22
Received
Data
DCE
BB
3
BB (A)
3
RD (A)
6
BB (B)
16
RD (B)
24
Request To Send
DTE
CA
4
CA (A)
4
RS (A)
7
CA (B)
19
RS (B)
25
Clear To Send
DCE
CB
5
CB (A)
5
CS (A)
9
CB (B)
13
CS (B)
27
DCE Ready (DSR)
DCE
CC
6
CC (A)
6
DM (A)
11
CC (B)
22
DM (B)
29
DTE Ready (DTR)
DTE
CD
20
CD (A)
20
TR (A)
12
CD (B)
23
TR (B)
30
Signal Ground
—
AB
7
AB
7
SG
19
Recv. Line
Sig. Det. (DCD)
DCE
CF
8
CF (A)
8
RR (A)
13
CF (B)
10
RR (B)
31
Trans. Sig. Elemt.
Timing
DCE
DB
15
DB (A)
15
ST (A)
5
DB (B)
12
ST (B)
23
Recv. Sig. Elemt.
Timing
DCE
DD
17
DD (A)
17
RT (A)
8
DD (B)
9
RT (B)
26
Local Loopback
DTE
LL
18
LL
18
LL
10
Remote Loopback
DTE
RL
21
RL
21
RL
14
Ring Indicator
DCE
CE
22
—
—
—
—
Trans. Sig. Elemt.
Timing
DTE
DA
24
DA (A)
24
TT (A)
17
DA (B)
11
TT (B)
35
Test Mode
DCE
TM
25
TM
25
TM
18
V.35
Mnemonic
Pin
—A
103
P
103
S
104
R
104
T
105
C
106
D
107
E
108
H *
102
B
109
F
114
Y
114
AA
115
V
115
X
141
L *
140
N *
125
J *
113
U *
113
W *
142
NN *
X.21
Mnemonic
Pin
—1
Circuit T(A)
2
Circuit T(B)
9
Circuit R(A)
4
Circuit R(B)
11
Circuit C(A)
3
Circuit G
8
7
14
Circuit C(B)
10
Circuit I(A)
5
Circuit I(B)
12
Circuit B(A)**
Circuit B(B)**
* - Optional signals
** - Only one of the two X.21 signals, Circuit B or X, can
be implemented and active at one time.
6
13
Circuit S(A)
Circuit S(B)
7
14
Circuit X(A)**
Circuit X(B)**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com