Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504EB Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP504EB
Description  Evaluation Board Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504EB Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP504EB Datasheet HTML 7Page - Sipex Corporation SP504EB Datasheet HTML 8Page - Sipex Corporation SP504EB Datasheet HTML 9Page - Sipex Corporation SP504EB Datasheet HTML 10Page - Sipex Corporation SP504EB Datasheet HTML 11Page - Sipex Corporation SP504EB Datasheet HTML 12Page - Sipex Corporation SP504EB Datasheet HTML 13Page - Sipex Corporation SP504EB Datasheet HTML 14Page - Sipex Corporation SP504EB Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
504/505AppNote/03
New SP504/505 Evaluation Board
© Copyright 2000 Sipex Corporation
11
SP504
from
function
to
function
SP505
pin 2
RDEC0
TTL Input
/SDEN
TTL Input
pin 2
pin 3
RDEC1
TTL Input
/TREN
TTL Input
pin 3
pin 4
RDEC2
TTL Input
/RSEN
TTL Input
pin 4
pin 5
RDEC3
TTL Input
/LLEN
TTL Input
pin 5
pin 8
N/C
N/C
/LATCH
TTL Input
pin 8
pin 9
TDEC3
TTL Input
DEC3
TTL Input
pin 9
pin 10
TDEC2
TTL Input
DEC2
TTL Input
pin 10
pin 11
TDEC1
TTL Input
DEC1
TTL Input
pin 11
pin 12
TDEC0
TTL Input
DEC0
TTL Input
pin 12
pin 18
V35_STAT
TTL Output
/RLEN
TTL Input
pin 18
Summary
In the SP504, pins 2-5 control the Mode Input Word used to configure the receivers. Pin 8 is
No Connection and pin 18 is the V35_STAT status notification output which is often used to
control the V.35 150 ohm termination resistor switches. Pins 9-12 are for the driver Mode Input
Word.
In the SP505, the 4 receiver Mode Input Bits and the 4 driver Mode Input Bits are combined into
a single 4 bit Mode Input Word. Pins 2-5 control the ENABLE (active low) function for the drivers
TxD, DTR, RTS & LL, respectively. Pin 8 controls the transparent latch /LATCH (active low)
function, used to latch in the last Mode Input Word. Pin 18 controls the ENABLE (active low)
function for the RL driver. Pins 9-12 control the combined Mode Input Word DEC3, DEC2, DEC1
& DEC0, respectively.
SP504  SP505
Pinout Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com