Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504EB Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP504EB
Description  Evaluation Board Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504EB Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP504EB Datasheet HTML 10Page - Sipex Corporation SP504EB Datasheet HTML 11Page - Sipex Corporation SP504EB Datasheet HTML 12Page - Sipex Corporation SP504EB Datasheet HTML 13Page - Sipex Corporation SP504EB Datasheet HTML 14Page - Sipex Corporation SP504EB Datasheet HTML 15Page - Sipex Corporation SP504EB Datasheet HTML 16Page - Sipex Corporation SP504EB Datasheet HTML 17Page - Sipex Corporation SP504EB Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
504/505 AppNote/03
New SP504/505 Evaluation Board
© Copyright 2000 Sipex Corporation
16
22
µF22µF
22
µF
27 26
30
28
31
32
MBRS140T3
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22
µF
61
59
SP505CF
Drivers
TxD
14
58
56
DTR
13
54
52
RTS
16
63
65
TxC
15
42
44
ST
22
47
45
RL
17
51
49
LL
24
70
71
RxD
1
37
38
RxC
20
66
67
CTS
80
68
69
DSR
78
35
36
DCD
19
39
40
RI
21
76
77
SCT
79
Receivers
10
µF
DB-25 Connector Pins
2
TXD(a)
14
TXD(b)
20
DTR(a)
23
DTR(b)
19
RTS(b)
4
RTS(a)
11
TXCE(b)
18
LL
15
SCT(a)
12
SCT(b)
DEC3
DEC2
DEC1
DEC0
12
11
10
9
SCTEN
TREN
SDEN
V
arious VCC pins
(Refer to SP504
Datasheet)
#103
#108
#105
#113
ITU #
#141
#104
#115
#106
#107
#109
#142
#114
(Applies for DTE only)
24
TXCE(a)
3
RXD(a)
16
RXD(b)
8
DCD(a)
10
DCD(b)
Various GND pins (Refer to SP505 Datasheet)
7
SIGNAL GND
13
CTS(b)
6
DSR(a)
22
DSR(b)
9
RXC(b)
5
CTS(a)
17
RXC(a)
25
TM
RSEN
RLEN
LLEN
STEN
TTEN
2
3
4
18
5
23
6
7
LATCH
8
GND
+5V
#140
DIP Switch
+5V
+5V
DIP Switch
all 500
Ω
all 500
Ω
21
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com