Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6200
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6200 Datasheet HTML 4Page - Sipex Corporation SP6200 Datasheet HTML 5Page - Sipex Corporation SP6200 Datasheet HTML 6Page - Sipex Corporation SP6200 Datasheet HTML 7Page - Sipex Corporation SP6200 Datasheet HTML 8Page - Sipex Corporation SP6200 Datasheet HTML 9Page - Sipex Corporation SP6200 Datasheet HTML 10Page - Sipex Corporation SP6200 Datasheet HTML 11Page - Sipex Corporation SP6200 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
equation:
PD = (VIN - VOUT)*IOUT + VIN*IGND
≅ (VIN - VOUT) * IOUT
Substituting PD(max) for PD and solving for the
operating conditions that are critical to the ap-
plication will give the maximum operating con-
ditions for the regulator circuit. For example, if
we are operating the SP6201- 3.0V at room
temperature, with a SOT-23-5 package on a 4
layer standard board we can determine the maxi-
mum input voltage for a set output current.
PD(max) =
(125
°C -25°C) = 1.1W
(90
°C/W)
To prevent the device from entering thermal
shutdown, maximum power dissipation can not
be exceeded. Using the output voltage of 3.0V
and an output current of 200 mA, the maximum
input voltage can be determined. Ground pin
current can be taken from the electrical spec’s-
table (I
GND=200uA at IOUT=200uA). The maxi-
mum input voltage is determined as follows:
1.1W = (VIN – 3.0V)*200mA + VIN*0.2mA
Solving for VIN, we get:
VIN =
(1.1W + 0.6W)
200.2mA
After calculations, we find that the maximum
input voltage of a 3.0V application at 200mA of
output current in an SOT-23-5 package is 8.4V.
Dual-Supply Operation
When used in dual supply systems where the
regulator load is returned to a negative supply,
the output voltage must be diode clamped to
ground.
THEORY OF OPERATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com