Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6200
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6200 Datasheet HTML 6Page - Sipex Corporation SP6200 Datasheet HTML 7Page - Sipex Corporation SP6200 Datasheet HTML 8Page - Sipex Corporation SP6200 Datasheet HTML 9Page - Sipex Corporation SP6200 Datasheet HTML 10Page - Sipex Corporation SP6200 Datasheet HTML 11Page - Sipex Corporation SP6200 Datasheet HTML 12Page - Sipex Corporation SP6200 Datasheet HTML 13Page - Sipex Corporation SP6200 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
TYPICAL CHARACTERISTICS: Continued
27°C, VIN = 5.5V, IO = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
Vout vs. Temp (fixed 3.0V)
2.97
2.98
2.99
3.00
3.01
3.02
3.03
-50
-20
10
40
70
100
130
Temp (deg)
Vin = 7V
Vin = 4V
Vout vs. Temp (fixed 3.3V)
3.27
3.28
3.29
3.30
3.31
3.32
3.33
-50
-20
10
40
70
100
130
Temp (deg)
Vin = 7V
Vin = 4V
Vout vs. Temp (adjustable)
2.65
2.70
2.75
2.80
2.85
2.90
-50
-20
10
40
70
100
130
Temp (deg)
2.85Vout
2.7Vout
Vout vs. Temp (adjustable)
2.95
3.05
3.15
3.25
3.35
-50
-20
10
40
70
100
130
Temp (deg)
3.3Vout
3.0Vout
Vout vs. Temp (adjustable)
2.475
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
2.525
-50
-20
10
40
70
100
130
Temp (deg)
2.5Vout
Vout vs. Temp (adjustable)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
-50
-20
10
40
70
100
130
Temp (deg)
5.0Vout
Line Regulation (SP6201 fixed 3.0V)
2.994
2.996
2.998
3.000
3.002
3.004
3.006
34
56
7
Vin (V)
Io=0.1mA
Io=1mA
Io=50mA
Io=100mA
Io=200mA
Load Regulation (SP6201 fixed 3.0V)
2.992
2.994
2.996
2.998
3.000
3.002
3.004
050
100
150
200
250
300
Io (mA)
Vin = 7V
Vin = 5.5V
Vin = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com