Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6200
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6200 Datasheet HTML 1Page - Sipex Corporation SP6200 Datasheet HTML 2Page - Sipex Corporation SP6200 Datasheet HTML 3Page - Sipex Corporation SP6200 Datasheet HTML 4Page - Sipex Corporation SP6200 Datasheet HTML 5Page - Sipex Corporation SP6200 Datasheet HTML 6Page - Sipex Corporation SP6200 Datasheet HTML 7Page - Sipex Corporation SP6200 Datasheet HTML 8Page - Sipex Corporation SP6200 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
■ Tiny DFN Package (2mmX3mm)
■ Low Dropout Voltage: 160mV @ 100mA
■ High Output Voltage Accuracy: 2%
■ Ultra Low Shutdown Current: 1µA Max
■ Ultra Low GND Current:
• 200µA @ 200mA Load
• 28µA @ 100µA Load
■ Extremely Tight Load and Line Regulation
■ Current and Thermal Limiting
■ RESET Output (VOUT good)
■ Logic-Controlled Electronic Enable
■ Unconditionally Stable with 1µF Ceramic
■ Fixed Outputs:
• 1.5V, 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.5V, 5V
■ Adjustable Output Available
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200/6201
DESCRIPTION
■ Cellular Telephones
■ Laptop, Notebooks and Palmtop Computers
■ Battery-Powered Equipment
■ Consumer/ Personal Electronics
■ SMPS Post-Regulator
■ DC-to-DC Modules
■ Medical Devices
■ Data Cable
■ Pagers
FEATURES
APPLICATIONS
®
Fixed Output Voltage
The SP6200 and SP6201 are CMOS LDOs designed to meet a broad range of applications that require accuracy, speed
and ease of use. These LDOs offer extremely low quiescent current which only increases slightly under load, thus
providing advantages in ground current performance over bipolar LDOs. The LDOs handle an extremely wide load range
and guarantee stability with a 1µF ceramic output capacitor. They have excellent low frequency PSRR, not found in other
CMOS LDOs and thus offer exceptional Line Regulation. High frequency PSRR is better than 40dB up to 400kHz. Load
Regulation is excellent and temperature stability is comparable to bipolar LDOs. An enable feature is provided on all
versions.
The SP6200/6201 is available in fixed and adjustable output voltage versions in tiny DFN and small SOT-23-5 packages.
A V
OUT good indicator is provided on all fixed output versions.
3
2
1
5
4
EN
SP6200
SP6201
VOUT
COUT = 1µF
VIN
Enable
Shutdown
RSN
EN (pin 3) may be connected
directly to IN (pin 1).
(VOUT good)
CIN = 1µF
470kΩ
TYPICAL APPLICATION CIRCUIT
RESET
EN
NC
VIN
VOUT
NC
GND
SP6201
8 Pin DFN
NC
1
2
3
4
5
6
7
8
Now Available in Lead Free Packaging


Similar Part No. - SP6200

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6200 EXAR-SP6200 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200EM5-1-5 SIPEX-SP6200EM5-1-5 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200EM5-1-8 SIPEX-SP6200EM5-1-8 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200EM5-2-5 SIPEX-SP6200EM5-2-5 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
More results

Similar Description - SP6200

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
Micropower, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
1ch 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
1ch 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com