Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6200
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6200 Datasheet HTML 1Page - Sipex Corporation SP6200 Datasheet HTML 2Page - Sipex Corporation SP6200 Datasheet HTML 3Page - Sipex Corporation SP6200 Datasheet HTML 4Page - Sipex Corporation SP6200 Datasheet HTML 5Page - Sipex Corporation SP6200 Datasheet HTML 6Page - Sipex Corporation SP6200 Datasheet HTML 7Page - Sipex Corporation SP6200 Datasheet HTML 8Page - Sipex Corporation SP6200 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
PIN NUMBER
NAME
FUNCTION
1IN
Supply Input
2
GND
Ground
3EN
Enable/Shutdown (Input): CMOS or TTL compatible
input. Logic high = enable, logic low = shutdown
4
RSN (Reset Not)
Open drain indicating that VOUT is good
4
ADJ
Adjustable (Input): Adjustable regulator feedback
input. Connect resistor voltage divider.
5
OUT
Regulator Output
PIN DESCRIPTION
PIN NUMBER
NAME
(8 Pin DFN) FUNCTION
1NC
No Connect
2
VIN
Supply Input
3
VOUT
Regulator Input
4NC
No Connect
5
RSN
Open drain indicating that VOUT is good
6NC
No Connect
7
GND
Ground
8EN
Enable/Shutdown (Input): CMOS or TTL compatible
input. Logic high = enable, logic low = shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com