Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6200
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6200 Datasheet HTML 5Page - Sipex Corporation SP6200 Datasheet HTML 6Page - Sipex Corporation SP6200 Datasheet HTML 7Page - Sipex Corporation SP6200 Datasheet HTML 8Page - Sipex Corporation SP6200 Datasheet HTML 9Page - Sipex Corporation SP6200 Datasheet HTML 10Page - Sipex Corporation SP6200 Datasheet HTML 11Page - Sipex Corporation SP6200 Datasheet HTML 12Page - Sipex Corporation SP6200 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
TYPICAL CHARACTERISTICS
27°C, VIN = 5.5V, IO = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
Dropout vs. Io (SP6201 fixed 3.0V)
0
50
100
150
200
250
300
350
400
050
100
150
200
Io (mA)
T=125 deg
T=27deg
T=-40 deg
Dropout vs. Temp (SP6201 fixed 3.0V)
0
50
100
150
200
250
300
350
400
-50
-20
10
40
70
100
130
Temp (deg)
Io=200mA
Io=100mA
Io=50mA
Dropout vs. Temp (SP6201 fixed 3.0V)
0.0
0.5
1.0
1.5
2.0
2.5
-50
-20
10
40
70
100
130
Temp (deg)
Io=1mA
Io=0.1mA
Iq vs. Vin (fixed 3.0V, Io=0uA)
0
5
10
15
20
25
30
35
40
45
50
0123
4567
Vin (V)
0
5
10
15
20
25
30
35
EN = Vin
EN = 0V
Iq vs. Temp (SP6201 fixed 3.0V, EN=Vin, Io=0uA)
25
30
35
40
45
50
-50
-20
10
40
70
100
130
Temp (deg)
Vin = 7V
Vin =5.5V
Vin = 4V
Iq vs. Temp (SP6201 fixed 3.0V, EN=0V, Io=0uA)
0
50
100
150
200
250
-50
-20
10
40
70
100
130
Temp (deg)
Vin = 7V
Vin = 5.5V
Vin = 4V
Ignd vs. Vin (SP6201 fixed 3.0V)
0
50
100
150
200
250
300
350
34
56
7
Vin (V)
Io=200mA
Io=150mA
Io=100mA
Io=50mA
Io=0.1mA
Ignd vs. Io (SP6201 fixed 3.0V)
20
45
70
95
120
145
170
195
220
050
100
150
200
Io (mA)
Vin = 7V
Vin = 5.5V
Vin = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com