Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP704 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP704
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP704 Datasheet(HTML) 1 Page - Sipex Corporation

  SP704 Datasheet HTML 1Page - Sipex Corporation SP704 Datasheet HTML 2Page - Sipex Corporation SP704 Datasheet HTML 3Page - Sipex Corporation SP704 Datasheet HTML 4Page - Sipex Corporation SP704 Datasheet HTML 5Page - Sipex Corporation SP704 Datasheet HTML 6Page - Sipex Corporation SP704 Datasheet HTML 7Page - Sipex Corporation SP704 Datasheet HTML 8Page - Sipex Corporation SP704 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SP703/704DS/07
SP703/704 Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
1
SP703/SP704
Low Power Microprocessor Supervisory
with Battery Switch-Over
The SP703/704 devices are microprocessor (
µP) supervisory circuits that integrate a myriad
of components involved in discrete solutions to monitor power-supply and battery-control
functions in
µP and digital systems. The series will significantly improve system reliability and
operational efficiency when compared to discrete solutions. The features of the SP703/704
devices include a manual reset input, a
µP reset and backup-battery switchover, and power-
failure warning. The series is ideal for applications in computers, controllers, intelligent
instruments and automotive systems. All designs where it is critical to monitor the power
supply to the
µP and its related digital components will find the series to be an ideal solution.
s Precision Voltage Monitor:
SP703 at 4.65V
SP704 at 4.40V
s Reset Time Delay - 200ms
s Debounced TTL/CMOS -
Compatible Manual - Reset Input
s Minimum component count
s 60
µA Maximum Operating Supply Current
s 0.6
µA Maximum Battery Backup Current
s 0.1
µA Maximum Battery Standby Current
s Power Switching
250mA Output in V
CC Mode (0.6Ω)
25mA Output in Battery Mode (5
Ω)
s Voltage Monitor for Power Fail or
Low Battery Warning
s Available in 8 pin SO and DIP packages
s RESET asserted down to V
CC = 1V
s Pin Compatible Upgrades to
MAX703/MAX704
DESCRIPTION
PINOUT
VOUT
VCC
GND
PFI
VBATT
RESET
MR
PFO
1
2
3
4
5
6
7
8
INTERNAL BLOCK DIAGRAM
1.25V
1.25V
BATTERY SWITCHOVER
CIRCUITRY
PFI
MR
VCC
VBATT
RESET
GENERATOR
VOUT
RESET
PFO
®


Similar Part No. - SP704

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP704CN SIPEX-SP704CN Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP704CP SIPEX-SP704CP Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP704EN SIPEX-SP704EN Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP704EP SIPEX-SP704EP Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results

Similar Description - SP704

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com