Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP791CP Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP791CP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791CP Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP791CP Datasheet HTML 6Page - Sipex Corporation SP791CP Datasheet HTML 7Page - Sipex Corporation SP791CP Datasheet HTML 8Page - Sipex Corporation SP791CP Datasheet HTML 9Page - Sipex Corporation SP791CP Datasheet HTML 10Page - Sipex Corporation SP791CP Datasheet HTML 11Page - Sipex Corporation SP791CP Datasheet HTML 12Page - Sipex Corporation SP791CP Datasheet HTML 13Page - Sipex Corporation SP791CP Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
10
WATCHDOG FUNCTION
The watchdog monitors
µP activity via the
Watchdog Input (WDI). If the
µP becomes in-
active over a period of time, WDO and WDPO
are asserted.
To use the watchdog functon, connect WDI to a
bus line or
µP I/O line. If WDI remains high or
low for longer than the watchdog timeout
period (1.6sec nominal), WDPO and WDO are
asserted, indicating a software fault or idle
condition.
WATCHDOG INPUT
A change of logic state (minimum 100ns dura-
tion) at WDI during the watchdog period will
reset the watchdog timer. The watchdog default
timeout is 1.6sec. To select an alternative
timeout period, connect an external capacitor
from SWT to GND.
To disable the watchdog function, leave WDI
floating. An internal impedance network (100k
Ω
equivalent at WDI) biases WDI to approximately
1.6V. Internal comparators detect this level and
disable the watchdog timer. When Vcc is below
the reset threshold, the watchdog function is dis-
abled and WDI is disconnected from its internal
network, thus becoming high impedance.
WATCHDOG OUTPUT
WDO remains high if there is activity (transi-
tion or pulse) at WDI during the watchdog-
timeout period. The watchdog function is dis-
abled and WDO is a logic high when VCC is
less than the reset threshold, or when WDI is an
open circuit. In watchdog mode, if no transi-
tion occurs at WDI during the watchdog-timeout
period, WDO goes low 70ns after the falling
edge of WDPO and remains low until the next
transition at WDI as shown on Figure 5. A flip-
flop can force the system into a hardware shut-
down if there are two successive watchdog
faults, shown on Figure 6. WDO has a 2 x TTL
output characteristic.
WATCHDOG-PULSE OUTPUT
As described in the preceding section, WDPO
can be used as the clock input to an external D
flip-flop. Upon the absence of a watchdog edge
or pulse at WDI at the end of a watchdog-timeout
period, WDPO will pulse low for 1ms. The fall-
ing edge of WDPO precedes WDO by 70ns.
Since WDO is high when WDPO goes low, the
Q output of the flip-flop remains high as WDO
goes low (Figure 6). If the watchdog timer is
not reset by a transition at WDI, WDO remains
low and WDPO clocks a logic low to the Q out-
put, causing the SP791 to latch in reset. If the
watchdog timer is reset by a transition at WDI,
WDO goes high and the flip-flop's Q output re-
mains high. Thus, a system shutdown is only
caused by two successive watchdog faults.
The internal pull-up resistors associated with
WDO and WDPO connect to VOUT. Therefore,
do not connect these outputs directly to CMOS
logic that is powered from VCC since, in the ab-
sence of VCC (i.e., battery mode), excessive
current will flow from WDO or WDPO through
the protection diode(s) of the CMOS-logic in-
puts to ground.
SELECTING AN ALTERNATIVE
WATCHDOG TIMEOUT PERIOD
SWT input controls the watchdog-timeout pe-
riod. Connecting SWT to VOUT selects the in-
ternal 1.6sec watchdog-timeout period. Select
an alternative timeout period by connecting a
capacitor between SWT and GND. Do not leave
SWT floating, and do not connect it to ground.
The following formula determines the watch-
dog-timeout period:
Watchdog Timeout Period = 2.1 x
(capacitor value in nF) ms
This formula is valid for capacitance values
between 4.7 nF and 100nF (see the Watchdog
Timeout vs. Timing Capacitor graph in the Typi-
cal Operating Characteristics).
CHIP-ENABLE SIGNAL GATING
The SP791 provides internal gating of chip-en-
able (CE) signals to prevent erroneous data from
corrupting the CMOS RAM in the event of a
power failure. During normal operation, the CE
gate is enabled and passes all CE transitions.
When reset is asserted, this path becomes dis-
abled, preventing erroneous data from corrupt-
ing the CMOS RAM. The SP791 uses a series
transmission gate from CE IN to CE OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com