Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP791CP Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP791CP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791CP Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP791CP Datasheet HTML 10Page - Sipex Corporation SP791CP Datasheet HTML 11Page - Sipex Corporation SP791CP Datasheet HTML 12Page - Sipex Corporation SP791CP Datasheet HTML 13Page - Sipex Corporation SP791CP Datasheet HTML 14Page - Sipex Corporation SP791CP Datasheet HTML 15Page - Sipex Corporation SP791CP Datasheet HTML 16Page - Sipex Corporation SP791CP Datasheet HTML 17Page - Sipex Corporation SP791CP Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
14
There are three distinct modes of operation:
1) Normal operating mode with all circuitry
powered up from VCC. Typical supply
current from VCC is 40
µA, while only
leakage currents flow from the battery.
2) Battery-backup mode where VCC is typically
within 0.7V below VBATT. All circuitry is
powered up from VBATT, and the supply
current is typically less than 40
µA.
3) Battery-backup mode where VCC is less than
VBATT by at least 0.7V. VBATT supply
current is less than 1
µA.
USING HIGH CAPACITY CAPACITOR
WITH THE SP791
VBATT has the same operating voltage range as
VCC, and the battery-switchover threshold volt-
ages are typically +30mV centered at VBATT,
allowing use of a capacitor and a simple charg-
ing circuit as a backup source (see Figure 12).
If VCC is above the reset threshold and VBATT
is 0.5V above VCC, current flows to VOUT and
VCC from VBATT until the voltage at VBATT is
less than 0.5V above VCC.
LOW-BATTERY MONITOR
The SP791 low-battery voltage function moni-
tors VBATT. Low-battery detection of 2.0V
±0.15V is monitored only during the reset-
timeout period (200ms) that occurs either after
a normal power-up sequence or after the MR
reset input has been returned to its high state. If
the battery voltage is below 2.0V, the second
CE pulse is inhibited after reset timeout. If the
battery voltage is above 2.0V, all CE pulses are
allowed through the CE gate after the reset
timeout period. To use this function, after the
200ms reset delay, write 00 (HEX) to a loca-
tion using the first CE pulse, and write FF (HEX)
to the same location using the second CE pulse
following RESET going inactive on power-up.
The contents of the memory then indicates a
good battery (FF) or a low battery (00),
Figure 11.
TYPICAL APPLICATIONS
The SP791 is not short-circuit protected. Short-
ing VOUT to ground, other than power-up tran-
sients such as charging a decoupling capacitor,
may destroy the device. All open-circuit out-
puts swing between VOUT and GND rather than
VCC and GND. If long leads connect to the chip
inputs, ensure that these lines are free from ring-
ing and other conditions that would forward bias
the chip's protection diodes.
Figure 12. High Capacity Capacitor on VBATT
Figure 11. Backup-Battery Monitor Timing Diagram
RESET
THRESHOLD
Vcc
200ms TYP
RESET
CE IN
CE OUT
SECOND CE PULSE ABSENT WHEN VBATT < 2V
Corporation
+5V
1N4148
0.47F
1
3
2
4
Vcc
VBATT
VOUT
GND
™ - REGISTERED TRADEMARK OF BAKNOR INDUSTRIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com