Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP791CP Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP791CP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791CP Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP791CP Datasheet HTML 3Page - Sipex Corporation SP791CP Datasheet HTML 4Page - Sipex Corporation SP791CP Datasheet HTML 5Page - Sipex Corporation SP791CP Datasheet HTML 6Page - Sipex Corporation SP791CP Datasheet HTML 7Page - Sipex Corporation SP791CP Datasheet HTML 8Page - Sipex Corporation SP791CP Datasheet HTML 9Page - Sipex Corporation SP791CP Datasheet HTML 10Page - Sipex Corporation SP791CP Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
Maximum Reset Comparator Overdrive
Without Causing a Reset
100
80
60
40
20
0
10
100
1000
10000
Watchdog Timeout
vs. Timing Capacitor
250
200
150
100
50
0
0
10
20
30
40
50
60
70
80
90 100
Timing Capacitor (nF)
Chip-Enable Propagation Delay
vs. CE OUT Load Capacitance
20
16
12
8
4
0
0
50
100
150
200
250
300
Cload (pF)
V
CC to VOUT vs.
Output Current
1000
100
10
1
1
10
100
1000
IOUT (mA)
VBATT to VOUT vs.
Output Current
1000
100
10
1
1
10
100
IOUT (mA)
IE+2
IE+1
IE+0
IE-1
IE-2
IE-3
IE-4
IE-5
IE-6
IE-7
IE-8
.0000
5.000
V
CC (0.5V/div)
Battery Current vs. V
CC Voltage
V
CC=4.5V
V
BATT=0V
Slope=0.6
Ω
V
BATT=4.5V
V
CC=0V
Slope=5
Ω
V
BATT=2.8V
TYPICAL CHARACTERISTICS (25oC, unless otherwise noted)
Reset Threshold Voltage - V
CC (mV)
0.1
µF Capacitor
V
OUT to GND
Above Line
Reset Generated
Below Line
No Reset Generated
V
CC=5V
V
BATT=2.8V
VCC=5V
50
Ω Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com