Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP791CP Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP791CP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791CP Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP791CP Datasheet HTML 7Page - Sipex Corporation SP791CP Datasheet HTML 8Page - Sipex Corporation SP791CP Datasheet HTML 9Page - Sipex Corporation SP791CP Datasheet HTML 10Page - Sipex Corporation SP791CP Datasheet HTML 11Page - Sipex Corporation SP791CP Datasheet HTML 12Page - Sipex Corporation SP791CP Datasheet HTML 13Page - Sipex Corporation SP791CP Datasheet HTML 14Page - Sipex Corporation SP791CP Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
The 10ns maximum CE propagation from CE
IN
to CE OUT enables the SP791 to be used with
most
µPs.
CHIP-ENABLE INPUT
CE IN is high impedance (disabled mode) while
RESET is asserted.
During a power-down sequence where VCC falls
below 4.65V, CE IN assumes a high impedance
state when the voltage at CE IN goes high or
15
µs after RESET is asserted, whichever
occurs first, (Figure 7).
During a power-up sequence, CE IN remains
high impedance until RESET is deasserted.
In the high-impedance mode, the leakage
currents into this input are less than 1
µA over
temperature. In the low-impedance mode, the
impedance of CE IN appears as a 65
Ω resistor
in series with the load at CE OUT.
The propagation delay through the CE
transmission gate depends on both the source
impedance of the drive to CE IN and the
capacitive loading on CE OUT (see the Chip-
Enable Propagation Delay vs. CE OUT Load
Capacitance graph in the Typical Operating
Characteristics). The CE propagation delay is
defined from the 50% point on CE IN to the 50%
point on CE OUT using a 50
Ω driver with 50pF
load capacitance as in Figure 8. For minimum
propagation delay, minimize the capacitive load
at CE OUT and use a low output-impedance
driver.
CHIP-ENABLE OUTPUT
In the enabled mode, the impedance of CE OUT
is equivalent to 65
Ω in series with the source
driving CE IN. In the disabled mode, the 65
Ω
transmission gate is off and CE OUT is actively
pulled to VOUT. This source turns off when the
transmission gate is enabled.
Figure 8. CE Propagation Delay Test Circuit
Figure 7. Reset and Chip-Enable Timing
+5V
Vcc
50
Ω Driver
GND
CE IN
CE OUT
50pF
CLOAD
Corporation
Vcc
CE IN
CE OUT
RESET
15
µs
100
µs
100
µs
RESET
THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com