Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP791CP Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP791CP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791CP Datasheet(HTML) 1 Page - Sipex Corporation

  SP791CP Datasheet HTML 1Page - Sipex Corporation SP791CP Datasheet HTML 2Page - Sipex Corporation SP791CP Datasheet HTML 3Page - Sipex Corporation SP791CP Datasheet HTML 4Page - Sipex Corporation SP791CP Datasheet HTML 5Page - Sipex Corporation SP791CP Datasheet HTML 6Page - Sipex Corporation SP791CP Datasheet HTML 7Page - Sipex Corporation SP791CP Datasheet HTML 8Page - Sipex Corporation SP791CP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
s Precision 4.65V Voltage Monitoring
s 200ms Power-OK/Reset Time Delay
s Independent Watchdog Time-Preset or Adjustable
s 75
µA Maximum Operating Supply Current
s 1.0
µA Maximum Battery Backup Current
s 0.1
µA Maximum Battery Standby Current
s Power Switching
250mA Output in Vcc Mode (0.6
Ω)
25mA Output in Battery Mode (5
Ω)
s On-Board Gating of Chip-Enable Signals
Memory Write-Cycle Completion
6ns CE Gate Propagation Delay
s Voltage Monitor for Power-Fail or Low Battery
s Backup-Battery Monitor
s RESET Valid to Vcc=1V
s Pin Compatible Upgrade to MAX791
DESCRIPTION
The SP791 is a microprocessor (
µP) supervisory circuit that integrates a myriad of compo-
nents involved in discrete solutions to monitor power-supply and battery-control functions in
µP and digital systems. The SP791 offers complete µP monitoring and watchdog functions.
The SP791 is ideal for a low-cost battery management solution and is well suited for portable,
battery-powered applications with its supply current of 40
µA. The 6ns chip-enable propaga-
tion delay, the 25mA current output in battery-backup mode, and the 250mA current output
in standard operation also makes the SP791 suitable for larger scale, high-performance
equipment.
SP791
Figure 1. Block Diagram
150mV
4.65V
Vcc
VBATT
CE IN
13
1
3
LOWLINE
BATT ON
V OUT
10
5
2
CE OUT
12
+
+
+
_
_
_
+
_
_
+
SP791
MR
SWT
WDI
PFI
1.25V
4
GND
7
11
8
9
RESET
WDPO
PFO
16
15
WDO
14
6
+
_
+
_
WATCHDOG
TIMER
VOUT
TIMEBASE FOR
RESET AND
WATCHDOG
WATCHDOG
TRANSITION
DETECTOR
RESET
GENERATION
2V
CHIP-ENABLE
OUTPUT
CONTROL
Low Power Microprocessor Supervisory
with Battery Switch-Over
®


Similar Part No. - SP791CP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP791CP SIPEX-SP791CP Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP791CP EXAR-SP791CP Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory
More results

Similar Description - SP791CP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com