Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952TLX-0.7/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LP5952TLX-0.7/NOPB
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952TLX-0.7/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5952TLX-0.7/NOPB Datasheet HTML 12Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 13Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 14Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 15Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 16Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 17Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 18Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 19Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
VIN
48V
VOUT
GND
OFF
OUT
IN
GATE
LM5050-1
OFF/ON
GND
GND
Q1
SUM40N10-30
+
R1
100:
CIN
1 PF
75V
D1
SS16T3
COUT
22 PF
63V
D2
SMBJ60A
VS
C1
0.1 PF
100V
S
D
G
IN
GATE
OUT
CLOAD
LM5050-1
GND
COUT
Parasitic
Inductance
Parasitic
Inductance
Shorted
Input
Reverse Recovery Current
VS
LM5050-1, LM5050-1-Q1
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
Application Information (continued)
8.1.2 Short Circuit Failure of an Input Supply
An abrupt 0-
Ω short circuit across the input supply will cause the highest possible reverse current to flow while
the internal LM5050-1 control circuitry discharges the gate of the MOSFET. During this time, the reverse current
is limited only by the RDS(ON) of the MOSFET, along with parasitic wiring resistances and inductances. Worst
case instantaneous reverse current would be limited to:
ID(REV) = (VOUT - VIN) / RDS(ON)
(1)
The internal Reverse Comparator will react, and will start the process of discharging the Gate, when the reverse
current reaches:
ID(REV) = VSD(REV) / RDS(ON)
(2)
When the MOSFET is finally switched off, the energy stored in the parasitic wiring inductances will be transferred
to the rest of the circuit. As a result, the LM5050-1 IN pin will see a negative voltage spike while the OUT pin will
see a positive voltage spike. The IN pin can be protected by diode clamping the pin to GND in the negative
direction. The OUT pin can be protected with a TVS protection diode, a local bypass capacitor, or both. In low
voltage applications, the MOSFET drainto- source breakdown voltage rating may be adequate to protect the
OUT pin (that is, VIN + V(BR)DSS(MAX) < 75 V ), but most MOSFET data sheets do not ensure the maximum
breakdown rating, so this method should be used with caution.
Figure 23. Reverse Recovery Current Generates Inductive Spikes at VIN and VOUT pins.
8.2 Typical Applications
8.2.1 Typical Application With Input and Output Transient Protection
Figure 24. Typical Application With Input and Output Transient Protection Schematic
16
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com