Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952TLX-0.7/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5952TLX-0.7/NOPB
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952TLX-0.7/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5952TLX-0.7/NOPB Datasheet HTML 3Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 4Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 5Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 6Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 7Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 8Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 9Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 10Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0.0V
1.0V
VOFF(IL)
0.0V
VOFF(IH)
5.0V
VGATE
tGATE(OFF)
0.0V
1.0V
0 mV
VSD(REV)
-500 mV
VSD(REG)
200 mV
VGATE
VIN > VOUT
VIN < VOUT
tGATE(OFF)
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
Figure 1. Gate OFF Timing for Forward to Reverse Transition
Figure 2. Gate OFF Timing for OFF Pin Low to High Transition
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com