Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952TLX-0.7/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP5952TLX-0.7/NOPB
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952TLX-0.7/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5952TLX-0.7/NOPB Datasheet HTML 15Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 16Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 17Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 18Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 19Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 20Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 21Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 22Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
VIN
5.0V to 75V
VOUT
GND
OFF
OUT
IN
GATE
LM5050-1
OFF/ON
GND
GND
Q1
SUM40N10-30
CIN
1 PF
100V
D1
B180-13-F
VS
S
D
G
ON/OFF
Control
Q1
VOUT
GND
CIN
Cout
D1
D2
D3
D4
C1
R1
VIN
GND
Q2
100
»
0.1µF
100V
LM5050-1
IN
GATE
OUT
VS
GND
SMBJ60A
22uF
63V
1uF
75V
SS16T3
BAS40-7-F
SS16T3
NTR5198NLT3G
SUM40N10-30
48V
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
8.2.4 Reverse Input Voltage Protection With IQ Reduction
If Vs is powered while IN is floating or grounded, then about 0.5 mA will leak from the Vs pin into the IC and
about 3 mA will leak from the OUT pin into the IC. From this leakage, about 50 uA will flow out of the IN pin and
the rest will flow to ground. This does not affect long term reliability of the IC, but may influence circuit design.
In battery powered applications, whenever LM5050-1 functionality is not needed, the supply to the LM5050-1 can
be disconnected by turning “OFF” Q2, as shown in Figure 29. This disconnects the ground path of the LM5050-1
and eliminates the current leakage from the battery.
The quiescent current of LM5050-1 can be also reduced by disconnecting the supply to VS pin, whenever
LM5050-1 function is not need.
Figure 29. Reverse Input Voltage Protection With IQ Reduction Schematic
8.2.5 Basic Application With Input Transient Protection
Figure 30. Basic Application With Input Transient Protection Schematic
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com