Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952TLX-0.7/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LP5952TLX-0.7/NOPB
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952TLX-0.7/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5952TLX-0.7/NOPB Datasheet HTML 14Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 15Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 16Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 17Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 18Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 19Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 20Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 21Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
PS1
PS2
IN
GATE
OUT
IN
GATE
OUT
RLOAD
CLOAD
LM5050-1
LM5050-1
GND
GND
COUT
VS
VS
VIN
1V to 75V
VOUT
GND
OFF
OUT
IN
GATE
LM5050-1
Off/On
GND
GND
VBIAS
5.0V to 75V
Q1
+
C1
1.0 PF
100V
D1
C2
22 PF
100V
D2
TVS
82V
VS
GND
R1
100
C3
0.1 PF
100V
LM5050-1, LM5050-1-Q1
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
8.2.2 Using a Separate VS Supply for Low Vin Operation
In some applications, it is desired to operate LM5050-1 from low supply voltage. The LM5050-1 can operate with
a 1-V rail voltage, provided its VS pin is biased from 5 V to 75 V. The detail of such application is depicted in
Figure 27.
Figure 27. Using a Separate vs Supply for Low Vin Operation Schematic
8.2.3 ORing of Two Power Sources
Figure 28. ORing of Two Power Sources
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com