Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952TLX-0.7/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5952TLX-0.7/NOPB
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952TLX-0.7/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5952TLX-0.7/NOPB Datasheet HTML 7Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 8Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 9Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 10Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 11Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 12Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 13Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 14Page - Texas Instruments LP5952TLX-0.7/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
Blocking diodes are commonly placed in series with supply inputs for the purpose of ORing redundant power
sources and protecting against supply reversal. The LM5050 replaces diodes in these applications with an N-
MOSFET to reduce both the voltage drop and power loss associated with a passive solution. At low input
voltages, the improvement in forward voltage loss is readily appreciated where headroom is tight, as shown in
Figure 2. The LM5050 operates from 5 V to 75 V and it can withstand an absolute maximum of 100 V without
damage. A 12-V or 15-A ideal diode application is shown in Figure 24. Several external components are included
in addition to the MOSFET, Q1. Ideal diodes, like their non-ideal counterparts, exhibit a behavior known as
reverse recovery. In combination with parasitic or intentionally introduced inductances, reverse recovery spikes
may be generated by an ideal diode during an reverse current shutdown. D1, D2 and R1 protect against these
spikes which might otherwise exceed the LM5050 100-V survival rating. COUT also plays a role in absorbing
reverse recovery energy. Spikes and protection schemes are discussed in detail in the Short Circuit Failure of an
Input Supply section.
NOTE
The OFF pin may be used to active the GATE pull down circuit and turn off the pass
MOSFET, but it does not disconnect the load from the input because Q1’s body diode is
still present.
If Vs is powered while IN is floating or grounded, then about 0.5mA will leak from the Vs
pin into the IC and about 3mA will leak from the OUT pin into the IC. From this leakage,
about 50 uA will flow out of the IN pin and the rest will flow to ground. This does not affect
long term reliability of the IC, but may influence circuit design. See Reverse Input Voltage
Protection With IQ Reduction for details on how to avoid this leakage current.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com