Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952 Datasheet(HTML) 4 Page - Texas Instruments

  LP5952 Datasheet HTML 1Page - Texas Instruments LP5952 Datasheet HTML 2Page - Texas Instruments LP5952 Datasheet HTML 3Page - Texas Instruments LP5952 Datasheet HTML 4Page - Texas Instruments LP5952 Datasheet HTML 5Page - Texas Instruments LP5952 Datasheet HTML 6Page - Texas Instruments LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM5050-1, LM5050-1-Q1
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IN, OUT Pins to Ground(2)
–0.3
100
V
GATE Pin to Ground(2)
–0.3
100
V
VS Pin to Ground
–0.3
100
V
OFF Pin to Ground
–0.3
7
V
Storage Temperature
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The GATE pin voltage is typically 12 V above the IN pin voltage when the LM5050-1 is enabled (that is, OFF Pin is Open or Low, and
VIN > VOUT). Therefore, the absolute maximum rating for the IN pin voltage applies only when the LM5050-1 is disabled (that is, OFF
Pin is logic high), or for a momentary surge to that voltage because the Absolute Maximum Rating for the GATE pin is also 100 V
6.2 ESD Ratings: LM5050-1
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Machine model (MM)(2)
±150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The MM is a 200-pF capacitor discharged through a 0-
Ω resistor (that is, directly) into each pin. Applicable test standard is JESD-A115-
A.
6.3 ESD Ratings: LM5050-1-Q1
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Machine model (MM)(2)
±150
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
The MM is a 200-pF capacitor discharged through a 0-
Ω resistor (that is, directly) into each pin. Applicable test standard is JESD-A115-
A.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IN, OUT, VS Pins
5
75
V
OFF Pin
0
5.5
V
Standard Grade
−40
125
°C
Junction Temperature (TJ)
LM5050Q0MK-1
−40
150
°C
LM5050Q1MK-1
−40
125
°C
6.5 Thermal Information
LM5050-1/-Q1
THERMAL METRIC(1)
DDC (SOT)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
180.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
41.3
°C/W
RθJB
Junction-to-board thermal resistance
28.2
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
27.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com