Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments LP5952 Datasheet HTML 10Page - Texas Instruments LP5952 Datasheet HTML 11Page - Texas Instruments LP5952 Datasheet HTML 12Page - Texas Instruments LP5952 Datasheet HTML 13Page - Texas Instruments LP5952 Datasheet HTML 14Page - Texas Instruments LP5952 Datasheet HTML 15Page - Texas Instruments LP5952 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
IN
OUT
GATE
1.5V
OFF
VS
GND
LM5050- 1
Reverse
Comparator
LOAD
INPUT
35 µA
14V
30 mV
30 µA
30 mV
5 µA
-
+
-
+
Bias
Circuitry
2A
MOSFET Off
+12V Charge
Pump
LM5050-1, LM5050-1-Q1
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 IN, GATE, and OUT Pins
When power is initially applied, the load current will flow from source to drain through the body diode of the
MOSFET. Once the voltage across the body diode exceeds VSD(REG) then the LM5050-1 begins charging the
MOSFET gate through a 32 µA (typical) charge pump current source . In forward operation, the gate of the
MOSFET is charged until it reaches the clamping voltage of the 12-V GATE to IN pin Zener diode internal to the
LM5050-1.
The LM5050-1 is designed to regulate the MOSFET gate-to-source voltage. If the MOSFET current decreases to
the point that the voltage across the MOSFET falls below the VSD(REG) voltage regulation point of 22 mV (typical),
the GATE pin voltage will be decreased until the voltage across the MOSFET is regulated at 22 mV. If the
source-to-drain voltage is greater than the VSD(REG) voltage, the gate-to-source voltage will increase and
eventually reach the 12-V GATE to IN pin Zener clamp level.
12
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com