Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 13Page - Texas Instruments LP5952 Datasheet HTML 14Page - Texas Instruments LP5952 Datasheet HTML 15Page - Texas Instruments LP5952 Datasheet HTML 16Page - Texas Instruments LP5952 Datasheet HTML 17Page - Texas Instruments LP5952 Datasheet HTML 18Page - Texas Instruments LP5952 Datasheet HTML 19Page - Texas Instruments LP5952 Datasheet HTML 20Page - Texas Instruments LP5952 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
Typical Applications (continued)
8.2.1.1 Design Requirements
Table 1 shows the parameters for Figure 24
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum Input Voltage, VINMIN
6 V
Maximum Input Voltage, VINMax
50 V
Output Current Range, IOUT
0 to 15 A
Ambient Temperature Range, TA
0°C to 50°C
8.2.1.2 Detailed Design Procedure
The following design procedure can be used to select component values for the LM5050-1.
8.2.1.2.1
Power Supply Components (R1 C1,) Selection
The LM5050-1 VS pin is the main supply pin for all internal biasing and an auxiliary supply for the internal gate
drive charge pump. The series resistor (R1) value should be low enough to keep the VS voltage drop at a
minimum. A typical series resistor value is 100
Ω. The capacitor value (0.1 uF typical) should be the lowest value
that produces acceptable filtering of the voltage noise.
8.2.1.2.2
MOSFET (Q1) Selection
The MOSFET (Q1) selection procedure is explained in detail in MOSFET Selection. The MOSFET used in the
design example is SUM40N10-30-E3.
8.2.1.2.3
D1 and D2 Selection for Inductive Kick-Back Protection
Diode D1 and capacitor C1 and diode D2 and capacitor C2 in the Figure 27 serve as inductive kick-back
protection to limit negative transient voltage spikes generated on the input when the input supply voltage is
abruptly shorted to zero volts. As a result, the LM5050-1 IN pin will see a negative voltage spike while the OUT
pin will see a positive voltage spike. The IN pin can be protected by schottky diode (D1) clamping the pin to GND
in the negative direction, similarly the OUT pin should be protected with a TVS protection diode (D1), or with a
local bypass capacitor, or both. D1 is selected as 1-A, 60-V Schottky Barrier Rectifier (SS16T3G) and D2 is the
60 V, TVS (SMBJ60A-13-F).
8.2.1.3 Application Curves
Figure 25. Forward voltage (VIN-VOUT) Drop Reduces
Figure 26. Forward Voltage (VIN-VOUT) Drop Increases
When Gate is Enabled (VIN = 12 V)
When Gate is Disabled (VIN = 12 V)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com