Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952 Datasheet(HTML) 1 Page - Texas Instruments

  LP5952 Datasheet HTML 1Page - Texas Instruments LP5952 Datasheet HTML 2Page - Texas Instruments LP5952 Datasheet HTML 3Page - Texas Instruments LP5952 Datasheet HTML 4Page - Texas Instruments LP5952 Datasheet HTML 5Page - Texas Instruments LP5952 Datasheet HTML 6Page - Texas Instruments LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PS1
PS2
IN
GATE
OUT
IN
GATE
OUT
RLOAD
CLOAD
LM5050-1
LM5050-1
GND
GND
VS
VS
VIN
VOUT
GND
OFF
OUT
IN
GATE
LM5050-1
Shutdown
GND
GND
VS
Low= FET On, High= FET Off
100:
0.1 PF
+5.0V to +75V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM5050-1, LM5050-1-Q1
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
LM5050-1/-Q1 High-Side OR-ing FET Controller
1 Features
3 Description
The LM5050-1/-Q1 High Side OR-ing FET Controller
1
•
Available in Standard and AEC-Q100 Qualified
operates in conjunction with an external MOSFET as
Versions LM5050Q0MK-1 (up to 150°C TJ) and
an ideal diode rectifier when connected in series with
LM5050Q1MK-1 (up to 125°C TJ)
a
power
source.
This
ORing
controller
allows
•
Wide Operating Input Voltage Range, VIN: 1 V to
MOSFETs to replace diode rectifiers in power
75 V (VBIAS required for VIN < 5 V)
distribution networks thus reducing both power loss
and voltage drops.
•
100-V Transient Capability
•
Charge Pump Gate Driver for External N-Channel
The LM5050-1/-Q1 controller provides charge pump
MOSFET
gate drive for an external N-Channel MOSFET and a
fast response comparator to turn off the FET when
•
Fast 50-ns Response to Current Reversal
current flows in the reverse direction. The LM5050-1/-
•
2-A Peak Gate Turnoff Current
Q1 can connect power supplies ranging from 5 V to
•
Minimum VDS Clamp for Faster Turnoff
75 V and can withstand transients up to 100 V.
•
Package: SOT-6 (Thin SOT-23-6)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
LM5050-1
Active
OR-ing
of
Redundant
(N+1)
Power
SOT (6)
2.90 mm × 1.60 mm
LM5050-1-Q1
Supplies
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Full Application
Typical Redundant Supply Configuration
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP5952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5952 NSC-LP5952 Datasheet
3Mb / 16P
350mA Dual Rail Linear Regulator
logo
Texas Instruments
LP5952 TI2-LP5952 Datasheet
770Kb / 26P
LP5952 350-mA Dual-Rail Linear Regulator
REVISED DECEMBER 2015
LP5952LC-1.2/NOPB TI2-LP5952LC-1.2/NOPB Datasheet
770Kb / 26P
LP5952 350-mA Dual-Rail Linear Regulator
REVISED DECEMBER 2015
LP5952LC-1.2/NOPB.A TI2-LP5952LC-1.2/NOPB.A Datasheet
770Kb / 26P
LP5952 350-mA Dual-Rail Linear Regulator
REVISED DECEMBER 2015
LP5952LC-1.3/NOPB TI2-LP5952LC-1.3/NOPB Datasheet
770Kb / 26P
LP5952 350-mA Dual-Rail Linear Regulator
REVISED DECEMBER 2015
More results

Similar Description - LP5952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
Low Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
LM5050-2 High Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
April 26, 2013
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
August 17, 2015
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com