Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet (PDF) - Texas Instruments

LP5952 Datasheet PDF - Texas Instruments
Part # LP5952
Download  LP5952 Download
File Size   770.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5952 350-mA Dual-Rail Linear Regulator

LP5952 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5952 Datasheet PDF - Texas Instruments

Part # LP5952
Download  LP5952 Click to download

File Size   770.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5952 350-mA Dual-Rail Linear Regulator

LP5952 Datasheet (HTML) - Texas Instruments


LP5952 Product details

1 Features
1• Input Voltage Range: 0.7 V to 4.5 V
• 2.5 V ≤ V BATT ≤ 5.5 V
• 0.5V ≤ VOUT ≤ 2 V
• Ensured 350-mA Output Current
• For ILOAD = 350 mA:
– VBATT ≥ VOUT(NOM) + 1.5 V or 2.5 V
(Whichever is Higher)
• For ILOAD = 150 mA:
– VBATT ≥ VOUT(NOM) + 1.3 V or 2.5 V
(Whichever is Higher)
• Excellent Load Transient Response: ±15 mV
Typical
• Excellent Line Transient Response: ±1 mV Typical
• 50-μA Typical Quiescent Current from VBATT
• 10-μA Typical Quiescent Current from VIN
• 0.1-μA Typical Quiescent Current in Shutdown
• Noise voltage = 100 μVRMS Typical
• Operates from a Single Li-Ion Cell or 3-Cell
NiMH/NiCd Battery
• Thermal-Overload and Short-Circuit Protection

2 Applications
• Mobile Phones
• Hand-Held Radios
• Personal Digital Assistants
• Palm-Top PCs
• Portable Instruments
• Battery-Powered Devices

3 Description
The LP5952 is a dual-supply-rail linear regulator
optimized for powering ultralow-voltage circuits from a
single Li-Ion cell or 3-cell NiMH/NiCd battery.
In the typical post-regulation application VBATT is
directly connected to the battery (range 2.5 V to
5.5 V), and VIN is supplied by the output voltage of
the DC-DC converter (range 0.7 V to 4.5 V).
The device offers superior dropout and transient
features combined with very low quiescent currents.
In shutdown mode (Enable (EN) pin pulled low) the
device turns off and reduces battery consumption to
0.1 μA (typical). The LP5952 also features internal
protection against overtemperature, overcurrent, and
undervoltage conditions.
Depending upon application, only one or two tiny
surface-mount external components are required;
performance is specified for a –40°C to +125°C
junction temperature range. The device is available in
fixed output voltages from 0.5 V to 2 V. For
availability, please contact your local Texas
Instruments sales office.




Similar Part No. - LP5952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5952 NSC-LP5952 Datasheet
3Mb / 16P
350mA Dual Rail Linear Regulator
logo
Texas Instruments
LP5952 TI1-LP5952 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952LC-1.2/NOPB TI1-LP5952LC-1.2/NOPB Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952LC-1.3/NOPB TI1-LP5952LC-1.3/NOPB Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952LC-1.5/NOPB TI1-LP5952LC-1.5/NOPB Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
More results


Similar Description - LP5952

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
Analog Devices
ADP130 AD-ADP130 Datasheet
491Kb / 20P
350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
National Semiconductor ...
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCP4671DSN09T1G ONSEMI-NCP4671DSN09T1G Datasheet
1Mb / 23P
400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
350 mA adjustable step-down regulator
19-Jun-2012
logo
Texas Instruments
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCP4671 ONSEMI-NCP4671 Datasheet
1Mb / 23P
400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
350mA Dual Rail Linear Regulator
logo
ams AG
AS1372 AMSCO-AS1372 Datasheet
855Kb / 14P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com