Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1372 Datasheet (PDF) - ams AG

AS1372 Datasheet PDF - ams AG
Part # AS1372
Download  AS1372 Download
File Size   855.69 Kbytes
Page   14 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 350mA Dual Rail Linear Regulator

AS1372 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1372 Datasheet PDF - ams AG

Part # AS1372
Download  AS1372 Click to download

File Size   855.69 Kbytes
Page   14 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 350mA Dual Rail Linear Regulator

AS1372 Datasheet (HTML) - ams AG




Similar Part No. - AS1372

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-27 AMSCO-AS1370-ATDT-27 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-28 AMSCO-AS1370-ATDT-28 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-33 AMSCO-AS1370-ATDT-33 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDTSAMPLE AMSCO-AS1370-ATDTSAMPLE Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
More results


Similar Description - AS1372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8854 ETC1-FS8854 Datasheet
597Kb / 13P
350mA LDO Linear Regulator
logo
National Semiconductor ...
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCP4671DSN09T1G ONSEMI-NCP4671DSN09T1G Datasheet
1Mb / 23P
400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
350mA Dual Rail Linear Regulator
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCV59749 ONSEMI-NCV59749 Datasheet
205Kb / 10P
3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com