Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1372 Datasheet(PDF) 10 Page - ams AG

Part # AS1372
Description  350mA Dual Rail Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1372 Datasheet(HTML) 10 Page - ams AG

Back Button AS1372 Datasheet HTML 6Page - ams AG AS1372 Datasheet HTML 7Page - ams AG AS1372 Datasheet HTML 8Page - ams AG AS1372 Datasheet HTML 9Page - ams AG AS1372 Datasheet HTML 10Page - ams AG AS1372 Datasheet HTML 11Page - ams AG AS1372 Datasheet HTML 12Page - ams AG AS1372 Datasheet HTML 13Page - ams AG AS1372 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1372
Revision 1.01
10 - 14
AS1372
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Advantages of dual supply architecture vs. traditional single supply approach.
If compared to the traditional single supply approach, the dual rail architecture ensures improved performances in a
LDO at the expense of an additional supply voltage and a dedicated pin.
Anyhow, it is worth to note that the additional supply voltage comes for free in all those applications where the LDO is
supplied by the output of a DCDC step-down converter: Vin pin is coupled to the step-down output and Vbias is
shorted to the DCDC converter supply.
Figure 20. Single vs. Dual Supply
The former is based on a PMOS output transistor connected in a common source configuration: the supply voltage at
its source is shared with all the circuit. On the other side, the dual supply approach is based on a NMOS transistor in
common drain configuration having its source coincident with the regulated output of the LDO: the supply voltage at
the drain is not shared with the remaining blocks of the circuit and its value can be chosen independently.
The second solution allows improved efficiency and dropout at low output reference voltage and faster transient time
response.
Improved efficiency
At heavy current load the power consumption is almost entirely located in the output transistor. This means that
keeping drain to source voltage, that is the difference between input and output voltage of the LDO, as small as
possible is the key factor for a good efficiency. It holds, approximately: Efficiency = (Vout / Vin)x100 [%]
While this achievement is little challenging in case the output voltage is large enough, traditional implementations
based on a PMOS device face a serious bottleneck at low output voltage. In fact the supply voltage cannot be made
consequently small because of dynamic range limitations in the core of the LDO circuitry. In many commercial cases
the supply voltage cannot be made smaller than 2 or 2,5V which gives only 25% or 20% efficiency for a 500mV
reference output.
On the contrary, the possibility to have a dedicated supply voltage for the output transistor offers the possibility to set
the drain to source voltage of the output transistor independently from the dynamic range limitations inside the core of
the circuit. Thus, even at very small output voltage, the drain to source voltage can be made quite small and guarantee
optimal efficiency performance. For instance, by setting Vin at 800mV makes more than 60% efficiency for an output
voltage as small as 500mV still ensuring excellent analog performances in the LDO.
Bandgap
error
amplifier
PMOS
+
-
core
blocks
VIN
Bandgap
error
amplifier
NMOS
+
-
core
blocks
VIN
VBIAS
VOUT
VOUT
Single Supply
Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com