Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1372 Datasheet(PDF) 5 Page - ams AG

Part # AS1372
Description  350mA Dual Rail Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1372 Datasheet(HTML) 5 Page - ams AG

  AS1372 Datasheet HTML 1Page - ams AG AS1372 Datasheet HTML 2Page - ams AG AS1372 Datasheet HTML 3Page - ams AG AS1372 Datasheet HTML 4Page - ams AG AS1372 Datasheet HTML 5Page - ams AG AS1372 Datasheet HTML 6Page - ams AG AS1372 Datasheet HTML 7Page - ams AG AS1372 Datasheet HTML 8Page - ams AG AS1372 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1372
Revision 1.01
5 - 14
AS1372
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Note: All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
ISHDN -
VBIAS
Shutdown Current into VBIAS
VEN = 0V
10
nA
ISHDN -
VIN
Shutdown Current into VIN
10
Logic Levels
VIH
Enable Input Threshold
1
V
VIL
0.4
IEN
Enable Input Bias Current
EN = GND
0.01
nA
Thermal Protection
TSHDN
Thermal Shutdown
Temperature
150
ºC
ΔTSHDN
Thermal Shutdown Hysteresis
25
ºC
Transient Characteristics
ΔVOUT
Dynamic Load Transient
Response
Pulsed ILOAD from 0mA to 300mA in
10µs rise time
15
mV
tON
Exit Delay from Shutdown
VOUT
≤ 1.2V, setting to 95%
70
µs
COUT
Output Capacitor
Load Capacitor Range
1
10
µF
Maximum ESR Load
1
500
m
Ω
1. guaranteed by design
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com