Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1372 Datasheet(PDF) 1 Page - ams AG

Part # AS1372
Description  350mA Dual Rail Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1372 Datasheet(HTML) 1 Page - ams AG

  AS1372 Datasheet HTML 1Page - ams AG AS1372 Datasheet HTML 2Page - ams AG AS1372 Datasheet HTML 3Page - ams AG AS1372 Datasheet HTML 4Page - ams AG AS1372 Datasheet HTML 5Page - ams AG AS1372 Datasheet HTML 6Page - ams AG AS1372 Datasheet HTML 7Page - ams AG AS1372 Datasheet HTML 8Page - ams AG AS1372 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AS1372
350mA Dual Rail Linear Regulator
www.austriamicrosystems.com/LDOs/AS1372
Revision 1.01
1 - 14
Data sheet
1 General Description
The AS1372 is a Dual Supply Rail Linear Regulator
designed for providing ultra-low voltages.
In a typical application the battery is directly connected
to VBIAS and VIN is connected to the output of a DC-DC
Converter.
The very low quiescent currents together with the
excellent transient features and the superior dropout are
making the AS1372 an ideal device for applications
running on batteries.
The robust design ensures that no under-voltage failure
can occur and the device is also equipped with an
internal protection against over-temperature and over-
current.
The device is available in fixed output voltages from
0.5V up to 2.2V in 100mV steps (50mV from 0.5V to
1.1V).
The AS1372 is available in a 5-bumps CS-WLP package
and is qualified for -40°C to +85°C operation.
2 Key Features
!
Input Voltage: 0.7V to 4.5V
!
Bias Supply Voltage: 2.5V to 5.5V
!
Output Voltage: 0.5V to 2.2V in 100mV steps
!
Output Voltage Accuracy: ±1.5%
!
Dropout Voltage 135mV @ 350mA load
!
Max. Output Current: 350mA
!
Load Transient Response: ±15mV (typ.)
!
Superior Efficiency
!
Low Shutdown Current: 10nA
!
High PSRR: >80dB @ 10Hz-1kHz, 60db @100kHz
!
Noise Voltage: 50µVRMS from 10Hz to 1000kHz
!
Integrated Overtemperature/Overcurrent Protection
!
Chip Enable Input
!
Operating Temperature Range: -40°C to +85°C
!
5-bumps CS-WLP Package
3 Applications
The devices are ideal for powering cordless and mobile
phones, MP3 players, PDAs, hand-held computers,
digital cameras, and any other hand-held and/or battery-
powered device.




 
!
"#
$
Figure 1. AS1372 - Typical Application Diagram


Similar Part No. - AS1372

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-27 AMSCO-AS1370-ATDT-27 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-28 AMSCO-AS1370-ATDT-28 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-33 AMSCO-AS1370-ATDT-33 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDTSAMPLE AMSCO-AS1370-ATDTSAMPLE Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
More results

Similar Description - AS1372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8854 ETC1-FS8854 Datasheet
597Kb / 13P
350mA LDO Linear Regulator
logo
National Semiconductor ...
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCP4671DSN09T1G ONSEMI-NCP4671DSN09T1G Datasheet
1Mb / 23P
400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
350mA Dual Rail Linear Regulator
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCV59749 ONSEMI-NCV59749 Datasheet
205Kb / 10P
3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com