Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1372 Datasheet(PDF) 6 Page - ams AG

Part # AS1372
Description  350mA Dual Rail Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1372 Datasheet(HTML) 6 Page - ams AG

Back Button AS1372 Datasheet HTML 2Page - ams AG AS1372 Datasheet HTML 3Page - ams AG AS1372 Datasheet HTML 4Page - ams AG AS1372 Datasheet HTML 5Page - ams AG AS1372 Datasheet HTML 6Page - ams AG AS1372 Datasheet HTML 7Page - ams AG AS1372 Datasheet HTML 8Page - ams AG AS1372 Datasheet HTML 9Page - ams AG AS1372 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1372
Revision 1.01
6 - 14
AS1372
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VIN = 1.2V, VBIAS = 2.5V, VOUT = 1.0V, EN = VBIAS, CIN = COUT = CBIAS = 1µF, TAMB = -40°C to +85ºC, Typical Values
are at TAMB = +25ºC (unless otherwise specified).
Figure 3. Bias Supply Current vs. Bias Supply Voltage
Figure 4. Bias Supply Current vs. Bias Supply Voltage
20
25
30
35
40
45
50
2.5
3
3.544.5
55.5
Bias Supply Voltage (V)
no load
Iout = 350mA
20
25
30
35
40
45
50
2.5
3
3.544.5
55.5
Bias Supply Voltage (V)
- 40°C
+ 25°C
+85 °C
no load
Figure 5. Ground Current vs. VIN; VBIAS = 5.5V
Figure 6. Ground Current vs. VIN / VBIAS;
30
35
40
45
50
55
60
2.5
3
3.5
4
4.5
Input Voltage (V)
- 40°C
+ 25°C
+85 °C
30
35
40
45
50
55
60
2.5
3
3.5
4
4.5
Input Voltage / Bias Supply Voltage (V)
- 40°C
+ 25°C
+85 °C
Figure 7. Ground Current vs. Bias Supply Voltage
Figure 8. Ground Current vs. Load Current
30
35
40
45
50
55
60
2.5
3
3.544.5
55.5
Bias Supply Voltage (V)
no load
Iout = 350mA
30
35
40
45
50
55
60
2.5
3
3.544.5
55.5
Load Current (mA)
- 40°C
+ 25°C
+ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com