Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1372 Datasheet(PDF) 9 Page - ams AG

Part # AS1372
Description  350mA Dual Rail Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1372 Datasheet(HTML) 9 Page - ams AG

Back Button AS1372 Datasheet HTML 5Page - ams AG AS1372 Datasheet HTML 6Page - ams AG AS1372 Datasheet HTML 7Page - ams AG AS1372 Datasheet HTML 8Page - ams AG AS1372 Datasheet HTML 9Page - ams AG AS1372 Datasheet HTML 10Page - ams AG AS1372 Datasheet HTML 11Page - ams AG AS1372 Datasheet HTML 12Page - ams AG AS1372 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1372
Revision 1.01
9 - 14
AS1372
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1372 is a low-dropout, low-quiescent-current linear regulator intended for LDO regulator applications where
output current load requirements range from no load to 350mA. All devices come with fixed output voltage from 0.5V to
2.2V. (see Ordering Information on page 13).
Shutdown current for the whole regulator is typically 10nA. The device features integrated short-circuit and over
current protection. Under-Voltage lockout prevents erratic operation when the input voltage is slowly decaying (e.g. in a
battery powered application). Thermal Protection shuts down the device when die temperature reaches 150°C. This is
a useful protection when the device is under sustained short circuit conditions.
As illustrated in Figure 19, the devices comprise voltage reference, error amplifier, N-channel MOSFET pass transistor,
internal voltage divider, current limiter, thermal sensor and shutdown logic.
The bandgap reference is connected to the inverting input of the error amplifier. The error amplifier compares this
reference with the feedback voltage and amplifies the difference. If the feedback voltage is lower than the reference
voltage, the N-channel MOSFET gate is pulled higher, allowing more current to pass to the output, and increases the
output voltage. If the feedback voltage is too high, the pass-transistor gate is pulled down, allowing less current to pass
to the output. The output voltage feeds back through an internal resistor voltage divider connected to pin OUT.
Figure 19. AS1372 - Block Diagram
Output Voltages
Standard products are factory-set with output voltages from 0.5V to 2.2V. A two-digit suffix of the part number identifies
the nominal output (see Ordering Information on page 13). Non-standard devices are available.
For more information contact: http://www.austriamicrosystems.com/contact
EN
GND
OUT
AS1372
Error
Amplifie
r
Trimmable
Reference
Voltage
Shutdown/
Power-On
Control Logic
Thermal
Overload
Protection
Bandgap Voltage
&
Current Reference
-
+
NMOS
VBIAS
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com