Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1372 Datasheet(PDF) 2 Page - ams AG

Part # AS1372
Description  350mA Dual Rail Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1372 Datasheet(HTML) 2 Page - ams AG

  AS1372 Datasheet HTML 1Page - ams AG AS1372 Datasheet HTML 2Page - ams AG AS1372 Datasheet HTML 3Page - ams AG AS1372 Datasheet HTML 4Page - ams AG AS1372 Datasheet HTML 5Page - ams AG AS1372 Datasheet HTML 6Page - ams AG AS1372 Datasheet HTML 7Page - ams AG AS1372 Datasheet HTML 8Page - ams AG AS1372 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1372
Revision 1.01
2 - 14
AS1372
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
VOUT
Regulated Output Voltage. Bypass this pin with a capacitor to GND.
2
GND
Ground.
3
EN
Enable. Pull this pin to low to disable the device. This pin has an internal 1.6M
Ω (typ.)
pull-down resistor.
4
VBIAS
Bias Supply Voltage. 2.5V to 5.5V, Bypass this pin with a capacitor to GND.
5
VIN
Unregulated Input Voltage. 0.7V to 4.5V, VIN
≤ VBIAS, Bypass this pin with a
capacitor to GND.
5
13
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com