Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1372 Datasheet(PDF) 13 Page - ams AG

Part # AS1372
Description  350mA Dual Rail Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1372 Datasheet(HTML) 13 Page - ams AG

Back Button AS1372 Datasheet HTML 6Page - ams AG AS1372 Datasheet HTML 7Page - ams AG AS1372 Datasheet HTML 8Page - ams AG AS1372 Datasheet HTML 9Page - ams AG AS1372 Datasheet HTML 10Page - ams AG AS1372 Datasheet HTML 11Page - ams AG AS1372 Datasheet HTML 12Page - ams AG AS1372 Datasheet HTML 13Page - ams AG AS1372 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1372
Revision 1.01
13 - 14
AS1372
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products listed in Table 4.
*) on request
Non-standard devices from 0.5V to 1.1V are available in 50mV steps and from 1.1V to 2.2V in 100mV steps. For more
information and inquiries contact http://www.austriamicrosystems.com/contact
Note:
All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 4. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS1372-BWLT-07
*)
0.7V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-10
ASSN
1.0V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-12
ASSQ
1.2V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-13
ASSO
1.3V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-14
*)
1.4V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-15
ASSR
1.5V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-16
*)
1.6V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-18
ASSS
1.8V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-20
*)
2.0V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-24
*)
2.4V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-28
*)
2.8V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-30
*)
3.0V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP
AS1372-BWLT-33
*)
3.3V
350mA Dual Rail Linear Regulator
Tape and Reel
5-bumps CS-WLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com