Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5952
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 2Page - Texas Instruments LP5952 Datasheet HTML 3Page - Texas Instruments LP5952 Datasheet HTML 4Page - Texas Instruments LP5952 Datasheet HTML 5Page - Texas Instruments LP5952 Datasheet HTML 6Page - Texas Instruments LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments LP5952 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LP5952
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, typical values are for TA = 25°C, and minimum and maximum limits apply over the full operating
temperature range: –40°C
≤ TJ ≤ +125°C; specifications apply to the Typical Application Circuit with VIN = VOUT(NOM) + 1 V,
VBATT = VOUT(NOM) + 1.5 V or 2.5 V (whichever is higher), IOUT = 1 mA, CVIN = 1 µF, COUT = 2.2 µF, VEN = VBATT.
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sine modulated VBATT, ƒ = 10 Hz
70
Power Supply Rejection
PSRR
Sine modulated VBATT, ƒ = 100 Hz
65
dB
Ratio
Sine modulated VBATT, ƒ = 1 kHz
45
Sine modulated VIN, ƒ = 10 Hz
80
Sine modulated VIN, ƒ = 100 Hz
90
Power Supply Rejection
PSRR
Sine modulated VIN, ƒ = 1 kHz
95
dB
Ratio
Sine modulated VIN, ƒ = 10 kHz
85
Sine modulated VIN, ƒ = 100 kHz
64
6.6 Electrical Characteristics: Quiescent Currents
Unless otherwise noted, typical values are for TA = 25°C, and minimum and maximum limits apply over the full operating
temperature range: –40°C
≤ TJ ≤ +125°C.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ_VBATT
Current into VBATT
ILOAD = 0 mA to 350mA
50
100
µA
IQ_VIN
Current into VIN
ILOAD = 0
11
28
µA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and maximum limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = VOUT(NOM) + 1 V, VBATT = VOUT(NOM) + 1.5 V
or 2.5 V, whichever is higher, TA = 25°C.
(3)
VOUT(NOM) is the stated output voltage option
6.7 Electrical Characteristics: Shutdown Currents
Unless otherwise noted, typical values are for TA = 25°C, and minimum and maximum limits apply over the full operating
temperature range: –40°C
≤ TJ ≤ +125°C.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ_VBATT
Current into VBATT
VEN = 0 V
0.1
1
µA
IQ_VIN
Current into VIN
VEN = 0 V
0.1
1
µA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and maximum limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = VOUT(NOM) + 1 V, VBATT = VOUT(NOM) + 1.5 V
or 2.5 V, whichever is higher, TA = 25°C.
(3)
VOUT(NOM) is the stated output voltage option.
6.8 Electrical Characteristics: Enable Control
Unless otherwise noted, typical values are for TA = 25°C, and minimum and maximum limits apply over the full operating
temperature range: –40°C
≤ TJ ≤ +125°C.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IEN
Maximum input current at EN input
0.01
1
µA
VIL
Low input threshold (shutdown)
0.4
V
VIH
High input threshold (enable)
1
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and maximum limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = VOUT(NOM) + 1 V, VBATT = VOUT(NOM) + 1.5 V
or 2.5 V, whichever is higher, TA = 25°C.
(3)
VOUT(NOM) is the stated output voltage option.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com